Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT8601 Datasheet(PDF) 64 Page - List of Unclassifed Manufacturers

Part # VT8601
Description  Single-Chip Slot-1 / Socket-370 PCI North Bridge With Integrated AGP 2D / 3D Graphics Accelerator and Advanced Memory Controller
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VT8601 Datasheet(HTML) 64 Page - List of Unclassifed Manufacturers

Back Button VT8601 Datasheet HTML 60Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 61Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 62Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 63Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 64Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 65Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 66Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 67Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 68Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 144 page
background image
VT8601 Apollo ProMedia
Revision 1.3 September 8, 1999
-58
Device 0 Bus 1 Graphics Accelerator Registers
7HFKQRORJLHV ,QF
:H&
:H&RRQQHFW
QQHFW
Device 0 Bus 1 Graphics Accelerator Registers
Offset 93-90 – Power Management 1................................RO
31-27 Reserved
........................................ always reads 0
PME# not supported
26
D2 State (Suspend) Supported .......... always reads 1
The D2 state is supported
25
D1 State (Standby) Supported .......... always reads 1
The D1 state is supported
24-22 Reserved
........................................ always reads 0
21
Device Specific Initialization ............. always reads 1
Special DSI is required from the video BIOS
20
Reserved
........................................ always reads 0
Auxiliary power source not supported
19
Reserved
........................................ always reads 0
PME# generation not supported
18-16 PCI PM Version # ........................ always reads 001b
15-8 Next Item Pointer ............................... always reads 0
7-0
PCI PM Capable ............................ always reads 01h
This device is PCI PM capable
Offset 97-94 – Power Management 2 .............................. RW
31-24 Reserved
........................................ always reads 0
Power dissipation reporting not supported
23-16 Reserved
........................................ always reads 0
15
D3 Cold Supported............................. always reads 0
D3 cold not supported
14-13 Data Scale
........................................ always reads 0
Power dissipation reporting not supported
12-9 Power Consumed / Dissipated ........... always reads 0
Power dissipation reporting not supported
8
Reserved
........................................ always reads 0
PME# for D3 cold not supported
7-2
Reserved
........................................ always reads 0
1-0
Power State
00 Fully On ................................................. default
01 Standby
10 Suspend
11 D3hot, similar to suspend



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com