Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT8601 Datasheet(PDF) 53 Page - List of Unclassifed Manufacturers

Part # VT8601
Description  Single-Chip Slot-1 / Socket-370 PCI North Bridge With Integrated AGP 2D / 3D Graphics Accelerator and Advanced Memory Controller
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VT8601 Datasheet(HTML) 53 Page - List of Unclassifed Manufacturers

Back Button VT8601 Datasheet HTML 49Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 50Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 51Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 52Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 53Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 54Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 55Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 56Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 57Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 144 page
background image
VT8601 Apollo ProMedia
Revision 1.3 September 8, 1999
-47-
Device 0 Bus 0 Host Bridge Registers
7HFKQRORJLHV ,QF
:H&
:H&RRQQHFW
QQHFW
Device 0 Offset 78 - PMU Control 1 ................................RW
7
I/O Port 22 Access
0
CPU access to I/O address 22h is passed on to
the PCI bus .............................................default
1
CPU access to I/O address 22h is processed
internally
6
Suspend Refresh Type
0
CBR Refresh ..........................................default
1
Self Refresh
5
Reserved
........................................ always reads 0
4
Dynamic Clock Control
0
Normal (clock is always running)...........default
1
Clock to various internal functional blocks is
disabled when those blocks are not being used
3
Reserved
........................................ always reads 0
2
AGPSTP# Control
0
Disable ...................................................default
1Enable
1
Reserved
........................................ always reads 0
0
Memory Clock Enable (CKE) Function
0
CKE Disable (pins used as MECC[2-0])..... def
1
CKE Enable (pins used for CKE[2-0]#)
Device 0 Offset 79 – PMU Control 2................................RW
7
CPU
Interface
Controller
Dynamic
Clock
Stopping
0
Disable ...................................................default
1Enable
6
DRAM Controller Dynamic Clock Stopping
0
Disable ...................................................default
1Enable
5
AGP Controller Dynamic Clock Stopping
0
Disable ...................................................default
1Enable
4
PCI Interface Controller Dynamic Clock Stopping
0
Disable ...................................................default
1Enable
3
Pseudo Power Good
0
Disable ...................................................default
1Enable
2
South Bridge has High Priority
0
Disable ...................................................default
1Enable
1-0
Reserved
........................................ always reads 0
Device 0 Offset 7A – Miscellaneous Control .................. RW
7
No Time-Out Arbitration for Consecutive Frame
Accesses
0
Enable .................................................... default
1
Disable
6-4
Reserved
........................................ always reads 0
3
Background PCI-to-PCI Write Cycle Mode
0
Enable .................................................... default
1
Disable
2-1
Reserved
........................................ always reads 0
0
South Bridge PCI Master Force Timeout When
PCI Master Occupancy Timer Is Up
0
Disable................................................... default
1Enable
Device 0 Offset 7E – PLL Test Mode .............................. RW
7-6
Reserved (status) ..................................................RO
5-0
Reserved (do not use) ................................. default=0
Device 0 Offset 7F – PLL Test Mode .............................. RW
7-0
Reserved (do not use) ................................. default=0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com