Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT8601 Datasheet(PDF) 92 Page - List of Unclassifed Manufacturers

Part # VT8601
Description  Single-Chip Slot-1 / Socket-370 PCI North Bridge With Integrated AGP 2D / 3D Graphics Accelerator and Advanced Memory Controller
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VT8601 Datasheet(HTML) 92 Page - List of Unclassifed Manufacturers

Back Button VT8601 Datasheet HTML 88Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 89Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 90Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 91Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 92Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 93Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 94Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 95Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 96Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 144 page
background image
VT8601 Apollo ProMedia
Revision 1.3 September 8, 1999
-86
VGA Extended Registers
7HFKQRORJLHV ,QF
:H&
:H&RRQQHFW
QQHFW
Power Management Registers
GR20 – Standby Timer Control.......................................RW
7
Timer Initialize & Enable
0
Enable Timer..........................................default
1
Initialize and hold standby and DPMS timer
6-4
Timer Testing .......................................................RO
3-0
Reserved
........................................ always reads 0
GR21 – Power Management Control 1 ...........................RW
7
Power Management Pin Polarity
0
Active High ............................................default
1
Active Low
6
PCI Power Management
0
Disable ...................................................default
1Enable
5
Suspend Mode
0
Normal mode..........................................default
1
Enter Suspend Mode
4
Suspend Input Pin
0
Disable ...................................................default
1Enable
3
D3 to D0 Reset
0
Disable ...................................................default
1Enable
2
Standby Input Pin
0
Disable ...................................................default
1Enable
1
CLKRUN# Mechanism
0
Disable ...................................................default
1Enable
0
Consistent Standby / Suspend
0
The bits in the PCI PM configuration registers
will be OR’ed with bits 5 and 3 of this register
for connection to the internal PM state
machine ..................................................default
1
The bits in the PCI PM configuration registers
will be the same as bits 5 and 3 of this register
to allow software coherency
GR22 – Power Management Control 2........................... RW
7
Timer Test Mode
0
Disable................................................... default
1Enable
6
Refresh Clock Select
0
Crystal input or external clock (XMCLK)
provides refresh clock during suspend... default
1
REFCLK is used as refresh clock during
suspend for 64ms refresh (ignore “Suspend
DRAM Refresh Mode” bits 5-4 below)
5-4
Suspend DRAM Refresh Mode
00 No refresh .............................................. default
01 Self refresh
10 Crystal clock provides rate for 8ms refresh
11 Crystal clock provides rate for 64ms refresh
3
Disable GPIO
0
Allow GPIO 7-0 pins to drive data in .... default
1
Disable GPIO 7-0 pins (and their shared
functions) from driving data. Tristates input
buffers on pins so no power is consumed if
GPIO pins are set to input mode.
2
Reserved
........................................ always reads 0
1
Hardware / Software Oscillator Select
0
Software controls oscillator off with bit-0
(prevents
automatic
oscillator
shutdown
without
direct
software
control
of
the
“Oscillator Disable” bit) .............................. def
1
Hardware
controls
oscillator
off
(allow
oscillator shutdown when power states are
entered using hardware mechanisms)
0
Oscillator Disable
0
Enable normal function.......................... default
1
Disable (oscillator off)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com