Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT8601 Datasheet(PDF) 49 Page - List of Unclassifed Manufacturers

Part # VT8601
Description  Single-Chip Slot-1 / Socket-370 PCI North Bridge With Integrated AGP 2D / 3D Graphics Accelerator and Advanced Memory Controller
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VT8601 Datasheet(HTML) 49 Page - List of Unclassifed Manufacturers

Back Button VT8601 Datasheet HTML 45Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 46Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 47Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 48Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 49Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 50Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 51Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 52Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 53Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 144 page
background image
VT8601 Apollo ProMedia
Revision 1.3 September 8, 1999
-43-
Device 0 Bus 0 Host Bridge Registers
7HFKQRORJLHV ,QF
:H&
:H&RRQQHFW
QQHFW
Device 0 Offset 6C - SDRAM Control .............................RW
7-5
Reserved
........................................ always reads 0
4
CKE Configuration
0
Rx6B[4]=0
RASA = CSA, RASB = CSB,
CKE0=CKE0, CKE1 = CKE1
x
Rx6B[4]=1
RASA = CSA, RASB = Float,
CASB = Float, MAB = Float,
CKE0 = CKE0, CKE1 = CKE0
1
Rx6B[4]=0
RASA = CSA, RASB = CSB,
CKE3-2 = CSA7-6
CKE5-4 = CSB7-6
CKE1 = GCKE (Global CKE)
CKE0 = FENA (FET Enable)
3
Fast AGP TLB lookup
0
Disable ...................................................default
1
Reduce the lookup time from 4T to 2T
2-0
SDRAM Operation Mode Select
000 Normal SDRAM Mode ..........................default
001 NOP Command Enable
010 All-Banks-Precharge Command Enable
(CPU-to-DRAM cycles are converted
to All-Banks-Precharge commands).
011 MSR Enable
CPU-to-DRAM
cycles
are
converted
to
commands and the commands are driven on
MA[13:0]. The BIOS selects an appropriate
host address for each row of memory such that
the
right
commands
are
generated
on
MA[13:0].
100 CBR Cycle Enable (if this code is selected,
CAS-before-RAS refresh is used; if it is not
selected, RAS-Only refresh is used)
101 Reserved
11x Reserved
Rx6B[0] Rx64-66[1-0] Rx68[7-6] Remark
0
00
00
Non-page mode, every access starts
from precharge-active cmd
1
00
00
Only one page active at a time
(recommended setting)
1
01 or 10
00
Only allow sub-bank of a SDRAM
bank active at a time, # of subbank
depends on Rx64-66<1:0>
1
01 or 10
01
Allow mutliple sub-banks across
different SDRAM banks active, but
if EDO is accessed, all SDRAM
pages will be closed
1
01 or 10
11
Allow maximum 8 pages of
SDRAM, EDO opened
Device 0 Offset 6D - DRAM Drive Strength................... RW
7
Reserved
........................................ always reads 0
6-5
Delay DRAM Read Latch
00 Disable................................................... default
01 0.5 ns
10 1.0 ns
11 1.5 ns
4
MD Drive
0
6 mA .................................................... default
18 mA
3
SDRAM Command Drive Strength
(SRAS#, SCAS#, SWE#)
0
16mA .................................................... default
1
24mA
2
MA[2:13] / WE# Drive Strength
0
16mA .................................................... default
1
24mA
1
CAS# Drive Strength
0
8 mA .................................................... default
1
12 mA
0
RAS# Drive Strength
0
16mA .................................................... default
1
24mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com