Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT8601 Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # VT8601
Description  Single-Chip Slot-1 / Socket-370 PCI North Bridge With Integrated AGP 2D / 3D Graphics Accelerator and Advanced Memory Controller
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VT8601 Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button VT8601 Datasheet HTML 35Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 36Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 37Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 38Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 39Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 40Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 41Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 42Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 144 page
background image
VT8601 Apollo ProMedia
Revision 1.3 September 8, 1999
-33-
Register Summary Tables
7HFKQRORJLHV ,QF
:H&
:H&RRQQHFW
QQHFW
Miscellaneous I/O
One I/O port is defined in the ProMedia: Port 22.
Port 22 – PCI /AGP Arbiter Disable ...............................RW
7-2
Reserved
........................................ always reads 0
1
AGP Arbiter Disable
0
Respond to GREQ# signal .....................default
1
Do not respond to GREQ# signal
0
PCI Arbiter Disable
0
Respond to all REQ# signals..................default
1
Do not respond to any REQ# signals, including
PREQ#
This port can be enabled for read/write access by setting bit-7
of Device 0 Configuration Register 78.
Configuration Space I/O
All registers in the ProMedia (listed above) are addressed via
the following configuration mechanism:
Mechanism #1
These ports respond only to double-word accesses. Byte or
word accesses will be passed on unchanged.
Port CFB-CF8 - Configuration Address......................... RW
31
Configuration Space Enable
0
Disabled ................................................. default
1
Convert configuration data port writes to
configuration cycles on the PCI bus
30-24 Reserved
........................................ always reads 0
23-16 PCI Bus Number
Used to choose a specific PCI bus in the system
15-11 Device Number
Used to choose a specific device in the system
(devices 0 and 1 are defined)
10-8 Function Number
Used to choose a specific function if the selected
device supports multiple functions (only function 0 is
defined).
7-2
Register Number (also called the "Offset")
Used
to
select
a
specific
DWORD
in
the
configuration space
1-0
Fixed
........................................ always reads 0
Port CFF-CFC - Configuration Data.............................. RW
Refer to PCI Bus Specification Version 2.2 for further details
on operation of the above configuration registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com