Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT8601 Datasheet(PDF) 87 Page - List of Unclassifed Manufacturers

Part # VT8601
Description  Single-Chip Slot-1 / Socket-370 PCI North Bridge With Integrated AGP 2D / 3D Graphics Accelerator and Advanced Memory Controller
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VT8601 Datasheet(HTML) 87 Page - List of Unclassifed Manufacturers

Back Button VT8601 Datasheet HTML 83Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 84Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 85Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 86Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 87Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 88Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 89Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 90Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 91Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 144 page
background image
VT8601 Apollo ProMedia
Revision 1.3 September 8, 1999
-81
VGA Extended Registers
7HFKQRORJLHV ,QF
:H&
:H&RRQQHFW
QQHFW
SR96 – New Live Video Window Control 0 ....................RW
7
W2 Horizontal Interpolation
0
Interpolation ...........................................default
1
Duplication
6
W1 Vertical Interpolation U and V Components
0
Enable.....................................................default
1
Disable
This bit is effective only if window 1 vertical Y
interpolation is enabled (CR8E[12] = 1)
5
Reserved
........................................ always reads 0
4
656
0
Disable ...................................................default
1Enable
3
W2 Color Space Converter (CSC) Bypass
0
Disable ...................................................default
1Enable
2
Reserved
........................................ always reads 0
1
MC Even / Odd Inverter
0
Disable ...................................................default
1Enable
0
MC Interlace Display
0
Disable ...................................................default
1Enable
SR97 – New Live Video Window Control 1 ....................RW
7
Reserved
........................................ always reads 0
6
Planar Mode X (Horizontal) Y/UV Ratio
0
2x
.....................................................default
14x
5-4
Planar Mode Y (Vertical) Y/UV Ratio
00 2x (Yp420) .............................................default
01 4x (Yp410)
1x 1x (Yp422)
3
Reserved
........................................ always reads 0
2-0
Window Mode .................................... default = 000b
Format
Interpolation
Line Buffers
000 YUV422
H-V
(96+48) x 64
001 Planar
H-V
(96+48) x 64
01x YUV
FIFO H
96 x 64
100 MPEG2 YUV422
H-V
2x(96+48)x64
101 MPEG2 Planar
H-V
2x(96+48)x64
11x YUV422
H-V (V-YUV) 2x(96+48)x64
For 1xx, only one h/w overlay window is supported
SR98 – New Live Video Window Control 2 ................... RW
7-6
Two Live Window Chroma Key Select
00 Chroma key only.................................... default
01 Window 1 & chroma key
10 Window 2 & chroma key
11 (Window 1 | Window 2) & chroma key
5-4
W1 Anti-Flicker Removal
00 Disable................................................... default
01 One field is shifted up 1 line
10 One field is shifted up 2 lines
11 One field is shifted up 3 lines
3
W1 Anti-Flicker Removal Field Selection
0
Odd field is shifted up ........................... default
1
Even field is shifted up
2-1
W2 Anti-Flicker Removal
00 Disable................................................... default
01 One field is shifted up 1 line
10 One field is shifted up 2 lines
11 One field is shifted up 3 lines
0
W2 Anti-Flicker Removal Field Selection
0
Odd field is shifted up ........................... default
1
Even field is shifted up
SR99 – New Live Video Window Control 3 ................... RW
7
Reserved
........................................ always reads 0
6
Capture Addres Swap Enable
0
Disable................................................... default
1Enable
5
Capture Address Swap
0
No swap ................................................. default
1Swap
4-2
W2 HDE Delay Adjust ............................. default = 0
1-0
Reserved
........................................ always reads 0
SR9B-9A – Window 1 UV Video Row Byte Offset ........ RW
15-14 Reserved
........................................ always reads 0
13-0 W1 UV Plane Video Row Byte Offset (the bytes in
a row)
SR9D-9C – Window 2 Y Video Row Byte Offset........... RW
15-14 Reserved
........................................ always reads 0
13-0 W2 Y Plane Video Row Byte Offset (the bytes in a
row)
SR9E – Line Buffer Request Threshold.......................... RW
7
Reserved
........................................ always reads 0
6-0
Line Buffer Request Threshold Level........... def = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com