Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT8601 Datasheet(PDF) 78 Page - List of Unclassifed Manufacturers

Part # VT8601
Description  Single-Chip Slot-1 / Socket-370 PCI North Bridge With Integrated AGP 2D / 3D Graphics Accelerator and Advanced Memory Controller
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VT8601 Datasheet(HTML) 78 Page - List of Unclassifed Manufacturers

Back Button VT8601 Datasheet HTML 74Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 75Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 76Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 77Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 78Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 79Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 80Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 81Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 82Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 144 page
background image
VT8601 Apollo ProMedia
Revision 1.3 September 8, 1999
-72
VGA Registers
7HFKQRORJLHV ,QF
:H&
:H&RRQQHFW
QQHFW
VGA Graphics Controller Registers (GR)
Port 3CE – VGA Graphics Controller Index..................RW
7
Reserved
........................................ always reads 0
6-0
Graphics Controller Index
Only the lower 4 bits are implemented in a standard
VGA to allow access to Graphics Controller registers
0-8. However, 7 bits are implemented here to allow
for extended registers up to index 7F.
Port 3CF Index 0 – Graphics Controller Set / Reset ......RW
7-4
Reserved
........................................ always reads 0
3-0
Set / Reset Planes 3-0
Port 3CF Index 1 – Graphics Controller Set / Reset EnaRW
7-4
Reserved
........................................ always reads 0
3-0
Enable Set / Reset Planes 3-0
Port 3CF Index 2 – Graphics Controller Color CompareRW
7-4
Reserved
........................................ always reads 0
3-0
Color Compare Planes 3-0
Port 3CF Index 3 – Graphics Controller Data Rotate ...RW
7-4
Reserved
........................................ always reads 0
3
Function Select
2-0
Rotate Count
Port 3CF Index 4 – Graphics Ctrlr Read Map Select ....RW
7-2
Reserved
........................................ always reads 0
1-0
Map Select
Port 3CF Index 5 – Graphics Controller Mode ............. RW
7
Reserved
........................................ always reads 0
6
256 Color Mode ........................................ default = 0
5
Shift Register ............................................ default = 0
4
Odd / Even .............................................. default = 0
3
Read Mode .............................................. default = 0
2
Reserved
........................................ always reads 0
1-0
Write Mode .............................................. default = 0
Port 3CF Index 6 – Graphics Controller Miscellaneous RW
7-4
Reserved
........................................ always reads 0
3-2
Memory Map
1
Chain Odd Maps to Even
0
Graphics Mode
Port 3CF Index 7 – Graphics Ctrlr Color Don’t Care .. RW
7-4
Reserved
........................................ always reads 0
3-0
Color Don’t Care Planes 3-0
Port 3CF Index 8 – Graphics Controller Bit Mask........ RW
7-0
Bit Mask



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com