Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT8601 Datasheet(PDF) 41 Page - List of Unclassifed Manufacturers

Part # VT8601
Description  Single-Chip Slot-1 / Socket-370 PCI North Bridge With Integrated AGP 2D / 3D Graphics Accelerator and Advanced Memory Controller
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VT8601 Datasheet(HTML) 41 Page - List of Unclassifed Manufacturers

Back Button VT8601 Datasheet HTML 37Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 38Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 39Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 40Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 41Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 42Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 43Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 44Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 45Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 144 page
background image
VT8601 Apollo ProMedia
Revision 1.3 September 8, 1999
-35-
Device 0 Bus 0 Header Registers - Host Bridge
7HFKQRORJLHV ,QF
:H&
:H&RRQQHFW
QQHFW
Device 0 Offset E - Header Type.......................................RO
7-0
Header Type Code ............reads 00: single function
Device 0 Offset F - Built In Self Test (BIST)....................RO
7
BIST Supported ......reads 0: no supported functions
6-0
Reserved
........................................ always reads 0
Device 0 Offset 13-10 - Graphics Aperture Base ............RW
31-28 Upper Programmable Base Address Bits....... def=0
27-20 Lower Programmable Base Address Bits ...... def=0
These bits behave as if hardwired to 0 if the
corresponding Graphics Aperture Size register bit
(Device 1 Offset 84h) is 0.
27 26 25 24 23 22 21 20
(This Register)
76
5
4
3
2
1
0
(Gr Aper Size)
RW RW RW RW RW RW RW RW
1M
RW RW RW RW RW RW RW 0
2M
RW RW RW RW RW RW 0
0
4M
RW RW RW RW RW 0
0
0
8M
RW RW RW RW 0000
16M
RW RW RW 00000
32M
RW RW 000000
64M
RW 0000000
128M
00000000
256M
19-0 Reserved
................................ always reads 00008
Note:
The locations in the address range defined by this
register are prefetchable.
Device 0 Offset 2D-2C – Subsystem Vendor ID ............. RW
15-0 Subsystem Vendor ID......................... default = 0000
Device 0 Offset 2F-2E – Subsystem ID............................ RW
15-0 Subsystem ID ...................................... default = 0000
Device 0 Offset 37-34 - Capability Pointer ...................... RO
Contains an offset from the start of configuration space.
31-0 AGP Capability List Pointer ........ always reads A0h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com