Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6821 Datasheet(PDF) 29 Page - Analog Devices

Part # ADRF6821
Description  450 MHz to 2800 MHz, DPD RFIC with Integrated Fractional-N PLL and VCO
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6821 Datasheet(HTML) 29 Page - Analog Devices

Back Button ADRF6821 Datasheet HTML 25Page - Analog Devices ADRF6821 Datasheet HTML 26Page - Analog Devices ADRF6821 Datasheet HTML 27Page - Analog Devices ADRF6821 Datasheet HTML 28Page - Analog Devices ADRF6821 Datasheet HTML 29Page - Analog Devices ADRF6821 Datasheet HTML 30Page - Analog Devices ADRF6821 Datasheet HTML 31Page - Analog Devices ADRF6821 Datasheet HTML 32Page - Analog Devices ADRF6821 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 61 page
background image
Data Sheet
ADRF6821
Rev. A | Page 29 of 61
I/Q OUTPUT LOADING
By design, the ADRF6821 has an I/Q output impedance of 10 Ω
and it is optimized to perform with an external 25 Ω in each
differential leg. External resistors increase the output impedance
and with the external 25 Ω, the total differential output
impedance equals 60 Ω. When terminated with a 100 Ω differential
load, the return loss is less than −10 dB for a wide range of IF
frequencies.
25Ω
I/Q OUTPUTS
25Ω
ZLOAD
10Ω
ADRF6821
Figure 51. IF Output Schematic
Different application circuits can require various loading
conditions for the I and Q outputs. Therefore, it is important
to understand the effect of I and Q output loading on the
performance characteristics, such as output IF gain, output IP3,
output IP2, HD2 and HD3. Figure 53 to Figure 55 illustrates the
effect of output loading on these characteristics.
14
13
12
11
10
9
8
7
6
5
4
0
100
200
300
400
500
IF FREQUENCY (MHz)
200Ω
100Ω
Figure 52. Gain vs. IF Frequency for Different Loads
45
40
35
30
25
20
15
10
5
0
500
960
1420
1880
2340
2800
LO FREQUENCY (MHz)
200Ω
100Ω
Figure 53. Output IP3 (OIP3) vs. LO Frequency for Different Loads
90
80
70
60
50
40
30
20
10
500
960
1420
1880
2340
2800
LO FREQUENCY (MHz)
200Ω
100Ω
Figure 54. Output IP2 (OIP2) vs. LO Frequency for Different Loads
0
–100
–60
–140
–130
–120
–110
–100
–90
–80
–70
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
50
100
150
200
250
IF FREQUENCY (MHz)
200Ω
100Ω
Figure 55. HD2 and HD3 vs. IF Frequency for Different Loads



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com