Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6821 Datasheet(PDF) 45 Page - Analog Devices

Part # ADRF6821
Description  450 MHz to 2800 MHz, DPD RFIC with Integrated Fractional-N PLL and VCO
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6821 Datasheet(HTML) 45 Page - Analog Devices

Back Button ADRF6821 Datasheet HTML 41Page - Analog Devices ADRF6821 Datasheet HTML 42Page - Analog Devices ADRF6821 Datasheet HTML 43Page - Analog Devices ADRF6821 Datasheet HTML 44Page - Analog Devices ADRF6821 Datasheet HTML 45Page - Analog Devices ADRF6821 Datasheet HTML 46Page - Analog Devices ADRF6821 Datasheet HTML 47Page - Analog Devices ADRF6821 Datasheet HTML 48Page - Analog Devices ADRF6821 Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 61 page
background image
Data Sheet
ADRF6821
Rev. A | Page 45 of 61
Address: 0x0054, Reset: 0x00, Name: DC_COMP_Q_CHAN_RF1
DC Com pens ation Q Channel
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:0] CODE_DC_QDAC_RF1 (R/W)
Table 40. Bit Descriptions for DC_COMP_Q_CHAN_RF1
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
CODE_DC_QDAC_RF1
DC Compensation Q Channel. Controls the dc correction applied to the IF
path. LSB is approximately ½ mV referred to the output. Value is signed
magnitude notation. 0xFF is the most negative, and 0x7F is the most positive.
0x0
R/W
Address: 0x0060, Reset: 0x00, Name: LPF_BW_SEL
MSB for LPF Bandw idth Select
LSB for LPF Bandw idth Select
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[ 7 :2 ] RES ERV ED
[ 0 ] S EL_LP F_BW _M S B ( R/W )
[ 1 ] S EL_LP F_BW _LS B ( R/W )
Table 41. Bit Descriptions for LPF_BW_SEL
Bits
Bit Name
Settings
Description
Reset
Access
[7:2]
RESERVED
Reserved.
0x0
R
1
SEL_LPF_BW_LSB
LSB for LPF Bandwidth Select. See the Theory of Operation section.
0x0
R/W
0
SEL_LPF_BW_MSB
MSB for LPF Bandwidth Select. See the Theory of Operation section.
0x0
R/W
Address: 0x0070, Reset: 0x00, Name: IF_AMP_CTRL
I Channe l IF Am p lifie r Enab le (0 :o ff 1:o n)
Q Channel IF Am plifier Enable (0:off
1:o n)
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[ 7 :2 ] RES ERV ED
[ 0 ] EN _IFAM P _I ( R/W )
[ 1 ] EN _IFAM P _Q ( R/W )
Table 42. Bit Descriptions for IF_AMP_CTRL
Bits
Bit Name
Settings
Description
Reset
Access
[7:2]
RESERVED
Reserved.
0x0
R
1
EN_IFAMP_Q
Q Channel IF Amplifier Enable (0: off and 1: on). IF output amplifier enable.
0x0
R/W
0
EN_IFAMP_I
I Channel IF Amplifier Enable (0: off and 1: on). IF output amplifier enable.
0x0
R/W
Address: 0x0080, Reset: 0x00, Name: LO_CTRL
Inv e rt Q Channe l LO Po larity
Inv e rt I Channe l LO Po larity
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[ 7 :3 ] RES ERV ED
[ 0 ] RES ERV ED
[ 2 ] SEL_LO D RV_PRED RVQ _PO L ( R/W )
[ 1 ] SEL_LO D RV_PRED RVI_PO L ( R/W )
Table 43. Bit Descriptions for LO_CTRL
Bits
Bit Name
Settings
Description
Reset
Access
[7:3]
RESERVED
Reserved.
0x0
R
2
SEL_LODRV_PREDRVQ_POL
Invert Q Channel LO Polarity. Selects the polarity for the Q channel LO path.
0x0
R/W
0: normal polarity.
1: inverted polarity.
1
SEL_LODRV_PREDRVI_POL
Invert I Channel LO Polarity. Selects the polarity for the I channel LO path.
0x0
R/W
0: normal polarity.
1: inverted polarity.
0
RESERVED
Reserved.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com