Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6821 Datasheet(PDF) 7 Page - Analog Devices

Part # ADRF6821
Description  450 MHz to 2800 MHz, DPD RFIC with Integrated Fractional-N PLL and VCO
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6821 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADRF6821 Datasheet HTML 3Page - Analog Devices ADRF6821 Datasheet HTML 4Page - Analog Devices ADRF6821 Datasheet HTML 5Page - Analog Devices ADRF6821 Datasheet HTML 6Page - Analog Devices ADRF6821 Datasheet HTML 7Page - Analog Devices ADRF6821 Datasheet HTML 8Page - Analog Devices ADRF6821 Datasheet HTML 9Page - Analog Devices ADRF6821 Datasheet HTML 10Page - Analog Devices ADRF6821 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 61 page
background image
Data Sheet
ADRF6821
Rev. A | Page 7 of 61
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
fLO = 2720 MHz, fVCO = 5440 MHz
Closed-Loop Phase Noise
1 kHz offset
−102
dBc/Hz
10 kHz offset
−99
dBc/Hz
100 kHz offset
−114
dBc/Hz
950 kHz offset
−137
dBc/Hz
2.1 MHz offset
−144
dBc/Hz
3.5 MHz offset
−148
dBc/Hz
7.5 MHz offset
−153
dBc/Hz
10 MHz offset
−155
dBc/Hz
85 MHz offset
−156
dBc/Hz
Integrated Phase Noise
100 Hz to 10 MHz integration BW
0.2
°rms
1
Auxiliary LO output measurements are performed under a daisy-chain configuration with another ADRF6821 device. Measurements are taken from the auxiliary LO
output of the daisy chained ADRF6821.
DIGITAL LOGIC SPECIFICATIONS
The following specifications are for all digital inputs.
Table 5.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
LOGIC INPUT VOLTAGE
Low
VIL
0
0.5
V
High
VIH
1.2
3.6
V
LOGIC INPUT CURRENT
High
IIH
−100
+100
µA
Low
IIL
−100
+100
µA
LOGIC OUTPUT VOLTAGE
Low
VOL
0
0.4
V
High
VOH
When driving loads with complementary metal oxide
semiconductor (CMOS) 1.8 V interface
1.4
1.8
V
When driving loads with CMOS 3.3 V interface
2.4
3.3
V
LOGIC OUTPUT CURRENT
High Driving
IOH
1
2
mA
Low Driving
IOL
1
2
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com