Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6821 Datasheet(PDF) 24 Page - Analog Devices

Part # ADRF6821
Description  450 MHz to 2800 MHz, DPD RFIC with Integrated Fractional-N PLL and VCO
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6821 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADRF6821 Datasheet HTML 20Page - Analog Devices ADRF6821 Datasheet HTML 21Page - Analog Devices ADRF6821 Datasheet HTML 22Page - Analog Devices ADRF6821 Datasheet HTML 23Page - Analog Devices ADRF6821 Datasheet HTML 24Page - Analog Devices ADRF6821 Datasheet HTML 25Page - Analog Devices ADRF6821 Datasheet HTML 26Page - Analog Devices ADRF6821 Datasheet HTML 27Page - Analog Devices ADRF6821 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 61 page
background image
ADRF6821
Data Sheet
Rev. A | Page 24 of 61
Quadrature Divider
The quadrature divider block divides the 2× LO frequency
generated by either the internal PLL and VCO or the external
input by 2. Next, the quadrature divide block generates two
LO signals with a 90° phase difference. To enable the divider,
disable the bits, EN_IBIASGEN (Register 0x0090, Bit 0),
EN_DIVPATH_BUF (Register 0x0090, Bit 1), and
EN_DIVPATH_QUADDIV (Register 0x0090, Bit 2). Two
separate LO drivers take these LO signals and feed them to the
mixers. LO driver paths are enabled via the following registers:
•
EN_LODRV_DRVI (Register 0x0090, Bit 3)
•
EN_LODRV_DRVQ (Register 0x0090, Bit 4)
•
EN_LODRV_PREDRVI (Register 0x0090, Bit 5)
•
EN_LODRV_PREDRVQ (Register 0x0090, Bit 6)
REGISTER WRITE SEQUENCE
The proper register write sequence starts with locking the LO
frequency or enabling the external LO inputs. After ensuring that
the local oscillator is locked in either the internal PLL/VCO or
the external LO source, enable the LO_OE bit (Register 0x1414,
Bit 6). After enabling the LO_OE bit, the RF and IF blocks can
be enabled as defined in the Theory of Operation section.
SERIAL PERIPHERAL INTERFACE (SPI)
The SPI of the ADRF6821 allows the user to configure the
device for specific functions or operations through a structured
register space provided inside the chip. This interface provides
users with added flexibility and customization. Addresses are
accessed via the SPI and can be written to or read from the SPI.
The serial peripheral interface consists of four control lines:
SCLK, SDIO, SDO, and CS. The serial clock (SCLK) is the serial
shift clock, and it synchronizes the serial interface reads and
writes. SDIO is the serial data input or the serial data output
depending on the instruction sent and the relative position in
the timing frame. Chip select bar (CS) is an active low control
that gates the read and write cycles. The falling edge of CS in
conjunction with the rising edge of SCLK determines the start
of the frame. When CS is high, all SCLK and SDIO activity is
ignored. See Table 6 for the serial timing and its definitions.
The ADRF6821 protocol consists of a read/write followed by
16 register address bits and 8 data bits. Both the address and
data fields are organized with the most significant bit (MSB)
first and end with the least significant bit (LSB).
The SPI and general-purpose input/output (GPIO) interfaces of
the ADRF6821 provides two options for the logic voltage levels,
1.8 V and 3.3 V. The interfaces use 1.8 V logic levels as the
default. Enable SPI_18_33_SEL (Register 0x0020, Bit 0) and
SPI_1P8_3P3_CTRL (Register 0x1401, Bit 4) for 3.3 V compatible
logic levels. See Table 6 for the SPI specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com