Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6821 Datasheet(PDF) 42 Page - Analog Devices

Part # ADRF6821
Description  450 MHz to 2800 MHz, DPD RFIC with Integrated Fractional-N PLL and VCO
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6821 Datasheet(HTML) 42 Page - Analog Devices

Back Button ADRF6821 Datasheet HTML 38Page - Analog Devices ADRF6821 Datasheet HTML 39Page - Analog Devices ADRF6821 Datasheet HTML 40Page - Analog Devices ADRF6821 Datasheet HTML 41Page - Analog Devices ADRF6821 Datasheet HTML 42Page - Analog Devices ADRF6821 Datasheet HTML 43Page - Analog Devices ADRF6821 Datasheet HTML 44Page - Analog Devices ADRF6821 Datasheet HTML 45Page - Analog Devices ADRF6821 Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 61 page
background image
ADRF6821
Data Sheet
Rev. A | Page 42 of 61
Address: 0x0032, Reset: 0x00, Name: DEMOD_ENABLES
MIX 1.8V Referenc e Enable (1:off 0:on),
Active Lo w
Q Channe l Mix e r Bias Curre nt Enab le
(0 :o ff 1:o n)
I Channe l Mix e r Enab le (0 :o ff 1:o n)
I Channe l Mix e r Bias Curre nt Enab le
(0 :o ff 1:o n)
Q Channe l Mix e r Enab le (0 :o ff 1:o n)
Mix e r Bias Curre nt Enab le (0 :o ff 1:o n)
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[ 7 :6 ] RES ERV ED
[ 0 ] EN B_M IX _1 P 8 _GEN ( R/W )
[ 5 ] EN _IM X BIAS _Q ( R/W )
[ 1 ] EN _M IX _I ( R/W )
[ 4 ] EN _IM X BIAS _I ( R/W )
[ 2 ] EN _M IX _Q ( R/W )
[ 3 ] EN _M IX IBIAS GEN ( R/W )
Table 31. Bit Descriptions for DEMOD_ENABLES
Bits
Bit Name
Settings
Description
Reset
Access
[7:6]
RESERVED
Reserved.
0x0
R
5
EN_IMXBIAS_Q
Q Channel Mixer Bias Current Enable (0: off and 1: on). Mixer bias current
enable. This must be enabled whenever the mixer is enabled. The master
mixer bias, EN_MIXBIASGEN, must also be enabled as well.
0x0
R/W
4
EN_IMXBIAS_I
I Channel Mixer Bias Current Enable (0: off and 1: on). Mixer bias current
enable. This must be enabled whenever the mixer is enabled. The master
mixer bias, EN_MIXBIASGEN, must also be enabled as well.
0x0
R/W
3
EN_MIXIBIASGEN
Mixer Bias Current Enable (0: off and 1: on). Master mixer bias current is
enabled and must be enabled whenever the mixer is enabled.
0x0
R/W
2
EN_MIX_Q
Q Channel Mixer Enable (0: off and 1: on). Enable for the mixer. For the mixer
to correctly function, the following bits must also be enabled or set to 45:
EN_MIXBIAS_x, EN_MIXBIASGEN, EN_ICMOBIAS_x, and CODE_MIXER_OCM.
0x0
R/W
1
EN_MIX_I
I Channel Mixer Enable (0: off and 1: on). Enable for the mixer. For the mixer to
correctly function the following bits must also be enabled or set to 45:
EN_MIXBIAS_x, EN_MIXBIASGEN, EN_ICMOBIAS_x, and CODE_MIXER_OCM.
0x0
R/W
0
ENB_MIX_1P8_GEN
Mixer 1.8 V Reference Enable (0: off and 1: on). Active low.
0x0
R/W
Address: 0x0033, Reset: 0x00, Name: DEMOD_LO_COM_CTRL
Mix er LO Com m on- Mode Contr ol
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[ 7 : 0 ] CO D E_M IX ER_D RV R ( R/W )
Table 32. Bit Descriptions for DEMOD_LO_COM_CTRL
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
CODE_MIXER_DRVR
Mixer LO Common-Mode Control. Determines the dc level applied to the
mixer LO driver LDO.
0x0
R/W
Address: 0x0034, Reset: 0x00, Name: DEMOD_OUT_COM_CTRL
Mix er Output Stage Com m on- Mode
Contr ol
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[ 7 : 0 ] CO D E_M IX ER_O CM ( R/W )
Table 33. Bit Descriptions for DEMOD_OUT_COM_CTRL
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
CODE_MIXER_OCM
Mixer Output Stage Common-Mode Control. Determines the dc level applied
to the mixer output LDO.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com