Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6821 Datasheet(PDF) 21 Page - Analog Devices

Part # ADRF6821
Description  450 MHz to 2800 MHz, DPD RFIC with Integrated Fractional-N PLL and VCO
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6821 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADRF6821 Datasheet HTML 17Page - Analog Devices ADRF6821 Datasheet HTML 18Page - Analog Devices ADRF6821 Datasheet HTML 19Page - Analog Devices ADRF6821 Datasheet HTML 20Page - Analog Devices ADRF6821 Datasheet HTML 21Page - Analog Devices ADRF6821 Datasheet HTML 22Page - Analog Devices ADRF6821 Datasheet HTML 23Page - Analog Devices ADRF6821 Datasheet HTML 24Page - Analog Devices ADRF6821 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 61 page
background image
Data Sheet
ADRF6821
Rev. A | Page 21 of 61
BALUN
The ADRF6821 integrates a balun operating over a 450 MHz to
2800 MHz frequency range. The wideband balun offers the
benefit of ease of drivability with single-ended, 50 Ω RF inputs,
and the single-ended to differential conversion of the integrated
balun provides additional common-mode noise rejection.
RF ATTENUATOR
The RF digital step attenuator follows the balun, and the
attenuation range is 0 dB to 15 dB with a step size of 1 dB.
The ATTEN_DSA bits (Register 0x0031, Bits[5:2]) in the
DSA_CONTROL register determine the setting of the RF
digital step attenuator. The EN_DSA (Register 0x0031, Bit [0])
bit enables the RF attenuator.
ACTIVE MIXER
After the RF digital step attenuator, the RF signal is split and
provided to a pair of double balanced, Gilbert cell active mixers.
The RF signal is then downconverted by the on-chip LO at the
mixer, resulting in a baseband output. Enable the mixer and the
common-mode controls as listed in Table 11.
Table 11. Demodulator Enable Registers
Register Address
Value
Description
0x0032
0x3E
Demodulator enables
0x0040
0x0F
Common-mode control enables
0x0033
0x2D
Mixer LO common-mode control
0x0034
0x2D
Mixer output stage common-
mode control
The ADRF6821 provides a gain peaking circuit to increase the
gain for high RF. The amount of gain peaking is controlled by
the MIXER_GAIN_PEAK bits (Register 0x003A, Bits[1:0]).
Note that increased gain leads to slight degradation of the
linearity performance.
The ADRF6821 uses dc compensation digital-to-analog converters
(DACs) for both I and Q outputs. DC compensation covers a
range of ±40 mV. Control the dc compensation value via the
CODE_DC_IDAC_RF0 bits (Register 0x0051) for the I output
and the CODE_DC_QDAC_RF0 bits (Register 0x0052) via the
Q output for Channel 0. For Channel 1, use the CODE_DC_
IDAC_RF1 bits (Register 0x0053) for the I output and the
CODE_DC_QDAC_RF1 bits (Register 0x0054) for the Q output.
The control words are in signed magnitude format and eight bits
wide. The effective least significant bit (LSB) is approximately
0.5 mV.
I AND Q POLARITY
The ADRF6821 offers the flexibility of specifying the polarity of
the I and Q outputs, where I can lead Q or vice versa. By addressing
SEL_LODRV_PREDRVI_POL (Register 0x0080, Bit 1) or
SEL_LODRV_PREDRVQ_POL (Register 0x0080, Bit 2), both
the I and Q outputs can be inverted from their default configuration.
The flexibility of specifying the polarity becomes important
when the I and Q outputs are processed simultaneously in the
complex domain, I + jQ.
At power-up, depending on the whether high-side or low-side
injection of the LO frequency is applied, the I channel can
either lead or lag the Q channel by 90°. When the RF frequency
is greater than the LO frequency (low-side LO injection), the
Q channel leads the I channel. On the contrary, if the RF
frequency is less than the LO frequency (high-side LO
injection), the I channel leads the Q channel by 90°.
LOW-PASS FILTERS (LPF) AND IF AMPLIFIERS
From the mixer, the IF or baseband outputs pass through an
integrated adjustable LPF to remove the unwanted mixing
product. The LPF bandwidth is adjustable over four steps, as
listed in Table 12.
Table 12. LPF Bandwidth Selection
EN_LPF_LB_I
(Register 0x0060, Bit 0)
EN_LPF_LB_Q
(Register 0x0060, Bit 1)
LPF
Bandwidth
0
0
1 GHz
0
1
750 MHz
1
0
500 MHz
1
1
250 MHz
From the LPF, the IF or baseband signal passes to a linear
output amplifier to drive the baseband output pins (IF_IOUT+,
IF_IOUT−, IF_QOUT−, and IF_QOUT+). The IF amplifier
provides the overall gain for the ADRF6821 and, with the
required 25 Ω series resistors, allows the ADRF6821 to drive
a 100 Ω load directly. The ADRF6821 can be interfaced to a
variety of analog-to-digital converters (ADCs), and the
common-mode output can be adjusted with the external VCM
pin. The IF amplifiers are enabled through the EN_IFAMP_I
bit (Register 0x0070, Bit 0) and the EN_IFAMP_Q bit
(Register 0x0070, Bit 1).
LO GENERATION BLOCK
The ADRF6821 supports the use of both internal and external
LO signals for the mixers. The internally generated or externally
supplied 2× LO signal is fed to the quadrature divider. The
quadrature divider block divides the 2× LO frequency by 2 and
then generates two LO signals with a 90° phase difference.
The internal 2× LO is generated by an on-chip VCO, which is
tunable over a frequency range of 4000 MHz to 8000 MHz. The
output of the VCO is phase locked to an external reference clock
through a fractional-N PLL that is programmable through the SPI
control registers. To produce 2× LO signals over the 900 MHz to
5600 MHz frequency range to drive the LO divider, steer the
VCO outputs through an output divider. Alternatively, an
external signal can be used with the dividers to generate the
2× LO signals to the quadrature divider and the demodulators.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com