Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6821 Datasheet(PDF) 54 Page - Analog Devices

Part # ADRF6821
Description  450 MHz to 2800 MHz, DPD RFIC with Integrated Fractional-N PLL and VCO
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6821 Datasheet(HTML) 54 Page - Analog Devices

Back Button ADRF6821 Datasheet HTML 50Page - Analog Devices ADRF6821 Datasheet HTML 51Page - Analog Devices ADRF6821 Datasheet HTML 52Page - Analog Devices ADRF6821 Datasheet HTML 53Page - Analog Devices ADRF6821 Datasheet HTML 54Page - Analog Devices ADRF6821 Datasheet HTML 55Page - Analog Devices ADRF6821 Datasheet HTML 56Page - Analog Devices ADRF6821 Datasheet HTML 57Page - Analog Devices ADRF6821 Datasheet HTML 58Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 61 page
background image
ADRF6821
Data Sheet
Rev. A | Page 54 of 61
Address: 0x122D, Reset: 0x81, Name: MULTI_FUNC_SYNTH_CTRL_022D
Enable Phase Detector and Charge
Pum p
Bleed Enable
Selects the Bleed Polarity
Integer-N ABP Select
0
1
1
0
2
0
3
0
4
0
5
0
6
0
7
1
[7] EN_PFD_CP (R/W)
[0] BLEED_EN (R/W)
[6] BLEED_POL (R/W)
[1] RESERVED
[5:3] RESERVED
[2] INT_ABP (R/W)
Table 70. Bit Descriptions for MULTI_FUNC_SYNTH_CTRL_022D
Bits
Bit Name
Settings
Description
Reset
Access
7
EN_PFD_CP
Enable Phase Detector and Charge Pump.
0x1
R/W
6
BLEED_POL
Selects the Bleed Polarity.
0x0
R/W
[5:3]
RESERVED
Reserved.
0x0
R
2
INT_ABP
Integer-N ABP Select. Shortens the reset delay of the PFD by four inverters.
0x0
R/W
1
RESERVED
Reserved.
0x0
R
0
BLEED_EN
Bleed Enable.
0x1
R/W
Address: 0x122E, Reset: 0x0F, Name: CP_CURR
Main Charge Pum p Current
0
1
1
1
2
1
3
1
4
0
5
0
6
0
7
0
[7:4] RESERVED
[3:0] CP_CURRENT (R/W)
Table 71. Bit Descriptions for CP_CURR
Bits
Bit Name
Settings
Description
Reset
Access
[7:4]
RESERVED
Reserved
0x0
R
[3:0]
CP_CURRENT
Main Charge Pump Current
0xF
R/W
Address: 0x122F, Reset: 0x08, Name: BICP
Binary Scaled Bleed Current
0
0
1
0
2
0
3
1
4
0
5
0
6
0
7
0
[7:0] BICP (R/W )
Table 72. Bit Descriptions for BICP
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
BICP
Binary Scaled Bleed Current
0x8
R/W
Address: 0x1233, Reset: 0x00, Name: FRAC2_L
FRAC2 Wor d for Ex ac t Fr equenc y Mode
- Optionally Double Buffer ed
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[ 7 : 0 ] FRAC2 [ 7 : 0 ] ( R/W )
Table 73. Bit Descriptions for FRAC2_L
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
FRAC2, Bits[7:0]
FRAC2 Word for Exact Frequency Mode—Optionally Double Buffered
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com