Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6821 Datasheet(PDF) 49 Page - Analog Devices

Part # ADRF6821
Description  450 MHz to 2800 MHz, DPD RFIC with Integrated Fractional-N PLL and VCO
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6821 Datasheet(HTML) 49 Page - Analog Devices

Back Button ADRF6821 Datasheet HTML 45Page - Analog Devices ADRF6821 Datasheet HTML 46Page - Analog Devices ADRF6821 Datasheet HTML 47Page - Analog Devices ADRF6821 Datasheet HTML 48Page - Analog Devices ADRF6821 Datasheet HTML 49Page - Analog Devices ADRF6821 Datasheet HTML 50Page - Analog Devices ADRF6821 Datasheet HTML 51Page - Analog Devices ADRF6821 Datasheet HTML 52Page - Analog Devices ADRF6821 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 61 page
background image
Data Sheet
ADRF6821
Rev. A | Page 49 of 61
Address: 0x1205, Reset: 0x00, Name: SD_PHASE_L_0
Sigm a-Delta Phas e Word
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:0] PHASE[7:0] (R/W)
Table 53. Bit Descriptions for SD_PHASE_L_0
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
PHASE,
Bits[7:0]
Sigma-Delta Phase Word. If phase adjust mode is enabled (PHASE_ADJ_EN = 1), the
phase in the DSM is incremented by this amount on each phase adjustment trigger.
The phase adjustment trigger can be caused by the SPI via a write to the LSB of this
register (provided DISABLE_PHASEADJ = 0) or from the GPI port. The value is
represented as an unsigned 24-bit fractional number, in units of VCO cycles. It,
therefore, has a resolution of 21 µ°. For example, to adjust the phase by 5° of the
fundamental VCO, program this word to (5°/360°) × 224 = 233,017. This process can
be done repetitively to effectively recede by multiple VCO cycles or to embed the
PLL itself inside the phase or frequency control loops under some other supervisory
control. The phase adjust feature cannot be done any faster than once every five PFD
cycles and by no more than 180° on any individual adjustment.
0x0
R/W
Address: 0x1206, Reset: 0x00, Name: SD_PHASE_M_0
Sigm a-Delta Phas e Word
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:0] PHASE[15:8] (R/W )
Table 54. Bit Descriptions for SD_PHASE_M_0
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
PHASE,
Bits[15:8]
Sigma-Delta Phase Word. If phase adjust mode is enabled (PHASE_ADJ_EN = 1), the
phase in the DSM is incremented by this amount on each phase adjustment trigger.
The phase adjustment trigger can be caused by the SPI via a write to the LSB of this
register (provided DISABLE_PHASEADJ = 0) or from the GPI port. The value is
represented as an unsigned 24-bit fractional number, in units of VCO cycles. It,
therefore, has a resolution of 21 µ°. For example, to adjust the phase by 5° of the
fundamental VCO, program this word to (5°/360°) × 224 = 233,017. This process can be
done repetitively to effectively recede by multiple VCO cycles or to embed the PLL
itself inside the phase or frequency control loops under some other supervisory
control. The phase adjust feature cannot be done any faster than once every five PFD
cycles and by no more than 180° on any individual adjustment.
0x0
R/W
Address: 0x1207, Reset: 0x00, Name: SD_PHASE_H_0
Sigm a-Delta Phas e Word
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:0] PHASE[23:16] (R/W)
Table 55. Bit Descriptions for SD_PHASE_H_0
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
PHASE,
Bits[23:16]
Sigma-Delta Phase Word. If phase adjust mode is enabled (PHASE_ADJ_EN = 1), the
phase in the DSM is incremented by this amount on each phase adjustment trigger.
The phase adjustment trigger can be caused by the SPI via a write to the LSB of this
register (provided DISABLE_PHASEADJ = 0) or from the GPI port. The value is
represented as an unsigned 24-bit fractional number, in units of VCO cycles. It,
therefore, has a resolution of 21 µ°. For example, to adjust the phase by 5° of the
fundamental VCO, program this word to (5°/360°) × 224 = 233,017. This process can
be done repetitively to effectively recede by multiple VCO cycles or to embed the
PLL itself inside the phase or frequency control loops under some other supervisory
control. The phase adjust feature cannot be done any faster than once every five PFD
cycles, and by no more than 180° on any individual adjustment.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com