Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6821 Datasheet(PDF) 52 Page - Analog Devices

Part # ADRF6821
Description  450 MHz to 2800 MHz, DPD RFIC with Integrated Fractional-N PLL and VCO
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6821 Datasheet(HTML) 52 Page - Analog Devices

Back Button ADRF6821 Datasheet HTML 48Page - Analog Devices ADRF6821 Datasheet HTML 49Page - Analog Devices ADRF6821 Datasheet HTML 50Page - Analog Devices ADRF6821 Datasheet HTML 51Page - Analog Devices ADRF6821 Datasheet HTML 52Page - Analog Devices ADRF6821 Datasheet HTML 53Page - Analog Devices ADRF6821 Datasheet HTML 54Page - Analog Devices ADRF6821 Datasheet HTML 55Page - Analog Devices ADRF6821 Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 61 page
background image
ADRF6821
Data Sheet
Rev. A | Page 52 of 61
Address: 0x1217, Reset: 0x00, Name: SI_VCO_SEL
Manual VCO Co r e Se le c t
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[ 7 : 4 ] RES ERV ED
[ 3 : 0 ] SI_VCO _SEL ( R/W )
Table 63. Bit Descriptions for SI_VCO_SEL
Bits
Bit Name
Settings
Description
Reset
Access
[7:4]
RESERVED
Reserved
0x0
R
[3:0]
SI_VCO_SEL
Manual VCO Core Select
0x0
R/W
Address: 0x121C, Reset: 0x20, Name: VCO_TIMEOUT_L
Main VCO Calib r atio n Tim e o ut
0
0
1
0
2
0
3
0
4
0
5
1
6
0
7
0
[ 7 :0 ] V CO _T IM EO UT [ 7 :0 ] ( R/W )
Table 64. Bit Descriptions for VCO_TIMEOUT_L
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
VCO_TIMEOUT[7:0]
Main VCO Calibration Timeout. This value sets what a timing unit is in the
VCO calibration. It is represented in a number of phase frequency detector
(PFD) periods. For example, 32 is 32 PFD cycles. At a 30.72 MHz PFD rate, this
timer represents an approximately 1 µs period. It is recommended that the user
program this value, depending on their PFD rate, to represent approximately
1 µs to 2 µs. A longer value than necessary leads to longer autocalibration times,
and shorter values may risk autotune accuracy due to insufficient settling times.
0x20
R/W
Address: 0x121D, Reset: 0x00, Name: VCO_TIMEOUT_H
Main VCO Calib r atio n Tim e o ut
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[ 7 : 2 ] RES ERV ED
[ 1 :0 ] V CO _T IM EO UT [ 9 :8 ] ( R/W )
Table 65. Bit Descriptions for VCO_TIMEOUT_H
Bits
Bit Name
Settings
Description
Reset
Access
[7:2]
RESERVED
Reserved.
0x0
R
[1:0]
VCO_TIMEOUT[9:8]
Main VCO Calibration Timeout. This value sets what a timing unit is in the
VCO calibration. It is represented in a number of PFD periods. For example,
32 is 32 PFD cycles. At a 30.72 MHz PFD rate, this timer represents an
approximately 1 µs period. It is recommended that the user program this value,
depending on their PFD rate, to represent approximately 1 µs to 2 µs. A longer
value than necessary leads to longer autocalibration times, and shorter values
may risk autotune accuracy due to insufficient settling times.
0x0
R/W
Address: 0x121E, Reset: 0x14, Name: VCO_BAND_DIV
AFC Meas ur em ent Res olution
0
0
1
0
2
1
3
0
4
1
5
0
6
0
7
0
[ 7 : 0 ] V CO _BAN D _D IV ( R/W )
Table 66. Bit Descriptions for VCO_BAND_DIV
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
VCO_BAND_DIV
AFC Measurement Resolution. This value sets how long a single automatic
frequency calibration (AFC) measurement cycle lasts. The AFC measurement
lasts 16 × VCO_BAND_DIV. It is required that the user program this value,
depending on their PFD rate, to represent approximately 10 µs. A longer value
than necessary leads to longer autocalibration times, and shorter values may
risk autotune accuracy due to insufficient frequency measurement resolution.
0x14
R/W
Address: 0x121F, Reset: 0x00, Name: VCO_FSM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com