Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6821 Datasheet(PDF) 16 Page - Analog Devices

Part # ADRF6821
Description  450 MHz to 2800 MHz, DPD RFIC with Integrated Fractional-N PLL and VCO
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6821 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADRF6821 Datasheet HTML 12Page - Analog Devices ADRF6821 Datasheet HTML 13Page - Analog Devices ADRF6821 Datasheet HTML 14Page - Analog Devices ADRF6821 Datasheet HTML 15Page - Analog Devices ADRF6821 Datasheet HTML 16Page - Analog Devices ADRF6821 Datasheet HTML 17Page - Analog Devices ADRF6821 Datasheet HTML 18Page - Analog Devices ADRF6821 Datasheet HTML 19Page - Analog Devices ADRF6821 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 61 page
background image
ADRF6821
Data Sheet
Rev. A | Page 16 of 61
500
450
150
250
350
400
300
200
100
450
920
1390
1860
2330
2800
LO FREQUENCY (MHz)
PLL/VCO = 3.3V
RF/IF = 3.3V
Figure 28. Supply Current vs. LO Frequency
0
–5
–35
–25
–15
–10
–20
–30
–40
450
920
1390
1860
2330
2800
RF FREQUENCY (MHz)
CHANNEL 0
CHANNEL 1
Figure 29. Return Loss vs. RF Frequency for Channel 0 and Channel 1
0
–2
–16
–10
–6
–4
–8
–12
–18
–14
–20
0
100
200
300
400
500
IF FREQUENCY (MHz)
I OUTPUT
Q OUTPUT
Figure 30. Return Loss vs. IF Frequency, Differential with 25 Ω Series
Resistor on Each Leg, Measured with 100 Ω Differential



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com