Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6821 Datasheet(PDF) 39 Page - Analog Devices

Part # ADRF6821
Description  450 MHz to 2800 MHz, DPD RFIC with Integrated Fractional-N PLL and VCO
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6821 Datasheet(HTML) 39 Page - Analog Devices

Back Button ADRF6821 Datasheet HTML 35Page - Analog Devices ADRF6821 Datasheet HTML 36Page - Analog Devices ADRF6821 Datasheet HTML 37Page - Analog Devices ADRF6821 Datasheet HTML 38Page - Analog Devices ADRF6821 Datasheet HTML 39Page - Analog Devices ADRF6821 Datasheet HTML 40Page - Analog Devices ADRF6821 Datasheet HTML 41Page - Analog Devices ADRF6821 Datasheet HTML 42Page - Analog Devices ADRF6821 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 61 page
background image
Data Sheet
ADRF6821
Rev. A | Page 39 of 61
Address: 0x0004, Reset: 0x13, Name: PRODUCT_ID_L
PRODUCT_ID
0
1
1
1
2
0
3
0
4
1
5
0
6
0
7
0
[ 7 :0 ] PRO D UCT _ID [ 7 :0 ][ 7 :0 ] ( R)
Table 22. Bit Descriptions for PRODUCT_ID_L
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
PRODUCT_ID, Bits[7:0]
PRODUCT_ID
0x13
R
Address: 0x0005, Reset: 0x00, Name: PRODUCT_ID_H
PRODUCT_ID
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[ 7 :0 ] PRO D UCT _ID [ 7 :0 ][ 1 5 :8 ] ( R)
Table 23. Bit Descriptions for PRODUCT_ID_H
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
PRODUCT_ID, Bits[15:8]
PRODUCT_ID
0x13
R
Address: 0x000A, Reset: 0x00, Name: SCRATCHPAD
SCRATCHPAD
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[ 7 :0 ] SCRAT CH PAD ( R/W )
Table 24. Bit Descriptions for SCRATCHPAD
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
SCRATCHPAD
SCRATCHPAD
0x0
R/W
Address: 0x000B, Reset: 0x00, Name: SPI_REV
SPI Regis ter Map Rev
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:0] SPI_REV (R)
Table 25. Bit Descriptions for SPI_REV
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
SPI_REV
SPI Register Map Rev
0x0
R
Address: 0x000C, Reset: 0x56, Name: VENDOR_ID_L
VENDOR_ID
0
0
1
1
2
1
3
0
4
1
5
0
6
1
7
0
[ 7 :0 ] VEN D O R_ID [ 7 :0 ][ 7 :0 ] ( R)
Table 26. Bit Descriptions for VENDOR_ID_L
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
VENDOR_ID, Bits[7:0]
VENDOR_ID
0x456
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com