Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6821 Datasheet(PDF) 18 Page - Analog Devices

Part # ADRF6821
Description  450 MHz to 2800 MHz, DPD RFIC with Integrated Fractional-N PLL and VCO
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6821 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADRF6821 Datasheet HTML 14Page - Analog Devices ADRF6821 Datasheet HTML 15Page - Analog Devices ADRF6821 Datasheet HTML 16Page - Analog Devices ADRF6821 Datasheet HTML 17Page - Analog Devices ADRF6821 Datasheet HTML 18Page - Analog Devices ADRF6821 Datasheet HTML 19Page - Analog Devices ADRF6821 Datasheet HTML 20Page - Analog Devices ADRF6821 Datasheet HTML 21Page - Analog Devices ADRF6821 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 61 page
background image
ADRF6821
Data Sheet
Rev. A | Page 18 of 61
–50
–130
–120
–80
–100
–110
–70
–90
–60
–170
–150
–140
–160
450
920
1860
1390
2330
2800
LO FREQUENCY (MHz)
+105°C
+27°C
–40°C
10kHz
100kHz
1MHz
10MHz
Figure 37. Closed-Loop LO Phase Noise vs. LO Frequency for Various
Offset Frequencies and for Various Temperatures
1.0
0.2
0.3
0.7
0.5
0.4
0.8
0.6
0.9
0
0.1
450
920
1860
1390
2330
2800
LO FREQUENCY (MHz)
+105°C
+27°C
–40°C
Figure 38. 100 Hz to 10 MHz Integrated Phase Noise with Spurs vs.
LO Frequency
–50
–80
–100
–70
–90
–60
–110
450
920
1860
1390
2330
2800
LO FREQUENCY (MHz)
+105°C
+27°C
–40°C
Figure 39. Reference Spurs, 1 × fPFD Offset vs. LO Frequency
–50
–80
–100
–70
–90
–60
–110
450
920
1860
1390
2330
2800
LO FREQUENCY (MHz)
+105°C
+27°C
–40°C
Figure 40. Reference Spurs, 2 × fPFD Offset vs. LO Frequency
–50
–80
–100
–70
–90
–60
–110
450
920
1860
1390
2330
2800
LO FREQUENCY (MHz)
3 ×
fPFD
4 ×
fPFD
5 ×
fPFD
6 ×
fPFD
7 ×
fPFD
Figure 41. Reference Spurs, 3 × fPFD and Higher Offset vs. LO Frequency
0
–30
–50
–20
–40
–10
–60
1000
1360
2080
1720
2440
2800
LO FREQUENCY (MHz)
HD2
HD3
Figure 42. LO HD2 and HD3 vs. LO Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com