Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6821 Datasheet(PDF) 44 Page - Analog Devices

Part # ADRF6821
Description  450 MHz to 2800 MHz, DPD RFIC with Integrated Fractional-N PLL and VCO
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6821 Datasheet(HTML) 44 Page - Analog Devices

Back Button ADRF6821 Datasheet HTML 40Page - Analog Devices ADRF6821 Datasheet HTML 41Page - Analog Devices ADRF6821 Datasheet HTML 42Page - Analog Devices ADRF6821 Datasheet HTML 43Page - Analog Devices ADRF6821 Datasheet HTML 44Page - Analog Devices ADRF6821 Datasheet HTML 45Page - Analog Devices ADRF6821 Datasheet HTML 46Page - Analog Devices ADRF6821 Datasheet HTML 47Page - Analog Devices ADRF6821 Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 61 page
background image
ADRF6821
Data Sheet
Rev. A | Page 44 of 61
Address: 0x0050, Reset: 0x00, Name: DC_CTRL
DC DAC 1.8V Reference Enable (1:off
0:on), Active Low .
DC Co m p e nsatio n Q Channe l Enab le
(0 : o ff 1: o n)
DC Co m p e nsatio n I Channe l Enab le (0 :
o ff 1: o n)
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[ 7 :3 ] RES ERV ED
[ 0 ] EN B_D CCO M P _1 P 8 _GEN ( R/W )
[ 2 ] EN _D C_D AC_Q ( R/W )
[ 1 ] EN _D C_D AC_I ( R/W )
Table 36. Bit Descriptions for DC_CTRL
Bits
Bit Name
Settings
Description
Reset
Access
[7:3]
RESERVED
Reserved.
0x0
R
2
EN_DC_DAC_Q
DC Compensation Q Channel Enable (0: off and 1: on). Enables the dc
compensation DAC.
0x0
R/W
1
EN_DC_DAC_I
DC Compensation I Channel Enable (0: off and 1: on). Enables the dc
compensation DAC.
0x0
R/W
0
ENB_DCCOMP_1P8_GEN
DC DAC 1.8 V Reference Enable (1: off and 0: on). Active Low.
0x0
R/W
Address: 0x0051, Reset: 0x00, Name: DC_COMP_I_CHAN_RF0
DC Com pens ation I Channel
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:0] CODE_DC_IDAC_RF0 (R/W)
Table 37. Bit Descriptions for DC_COMP_I_CHAN_RF0
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
CODE_DC_IDAC_RF0
DC Compensation I Channel. Controls the dc correction applied to the IF
path. LSB is approximately ½ mV referred to the output. Value is signed
magnitude notation. 0xFF is the most negative, and 0x7F is the most positive.
0x0
R/W
Address: 0x0052, Reset: 0x00, Name: DC_COMP_Q_CHAN_RF0
DC Com pens ation Q Channel
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:0] CODE_DC_QDAC_RF0 (R/W)
Table 38. Bit Descriptions for DC_COMP_Q_CHAN_RF0
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
CODE_DC_QDAC_RF0
DC Compensation Q Channel. Controls the dc correction applied to the IF
path. LSB is approximately ½ mV referred to the output. Value is signed
magnitude notation. 0xFF is the most negative, and 0x7F is the most positive.
0x0
R/W
Address: 0x0053, Reset: 0x00, Name: DC_COMP_I_CHAN_RF1
DC Com pens ation I Channel
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:0] CODE_DC_IDAC_RF1 (R/W)
Table 39. Bit Descriptions for DC_COMP_I_CHAN_RF1
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
CODE_DC_IDAC_RF1
DC Compensation I Channel. Controls the dc correction applied to the IF
path. LSB is approximately ½ mV referred to the output. Value is signed
magnitude notation. 0xFF is the most negative, and 0x7F is the most positive.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com