Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6821 Datasheet(PDF) 3 Page - Analog Devices

Part # ADRF6821
Description  450 MHz to 2800 MHz, DPD RFIC with Integrated Fractional-N PLL and VCO
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6821 Datasheet(HTML) 3 Page - Analog Devices

  ADRF6821 Datasheet HTML 1Page - Analog Devices ADRF6821 Datasheet HTML 2Page - Analog Devices ADRF6821 Datasheet HTML 3Page - Analog Devices ADRF6821 Datasheet HTML 4Page - Analog Devices ADRF6821 Datasheet HTML 5Page - Analog Devices ADRF6821 Datasheet HTML 6Page - Analog Devices ADRF6821 Datasheet HTML 7Page - Analog Devices ADRF6821 Datasheet HTML 8Page - Analog Devices ADRF6821 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 61 page
background image
Data Sheet
ADRF6821
Rev. A | Page 3 of 61
SPECIFICATIONS
All supply pins = 3.3 V, TA = 25°C, low-side LO injection, internal LO, minimum attenuation setting (DSA setting of 0 dB),
MIXER_GAIN_PEAK = 0, common-mode voltage (VCM) = 1.6 V, 25 Ω matching resistors on I/Q differential outputs, unless
otherwise noted. All losses from input and output traces and baluns are de-embedded from results.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
RF INPUT INTERFACE
Input Impedance
50
Ω
RF Frequency Range
450
2800
MHz
I/Q OUTPUT INTERFACE
Return Loss
IF_IOUT± and IF_QOUT± terminated with 100 Ω differential loads (25 Ω
external resistors are required on each differential output pin)
−10
dB
Output Impedance
10
Ω
Output DC Offset
No correction
40
mV
Correction applied
2
mV
DC Offset Correction Range
55
mV
Output VCM
1.2
1.6
1.8
V
VCM Ripple
−5
+5
mV
LO INPUT
External LO operation, differential
Required Power
−6
+6
dBm
Input Impedance
100
Ω
Return Loss
−10
dB
Frequency Range
Low-side or high-side LO
450
2800
MHz
LO OUTPUT
2× LO output, differential, observation purposes only
Power1, 2
TRM_XLODRV_DRV_POUT = 1
2× fLO = 1800 MHz
0
dBm
2× fLO = 3600 MHz
−1
dBm
2× fLO = 5400 MHz
0
dBm
Output Impedance
Differential
50
Ω
Return Loss
−10
dB
Frequency Range
2× fLO
900
5600
MHz
POWER SUPPLY
PLL/VCO Supplies3
3.2
3.3
3.4
V
RF/IF Supplies
3.1
3.3
3.5
V
POWER CONSUMPTION
RF/IF Supplies
0.9
W
PLL/VCO Supplies
fLO = 1000 MHz
Internal LO
1.0
W
fLO = 2000 MHz
Internal LO
0.9
W
fLO = 2800 MHz
Internal LO
0.8
W
1
For LO output power setting, see the LO Generation Block section.
2
fLO means LO frequency.
3
See the Applications Information section for the supply circuit design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com