Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6821 Datasheet(PDF) 32 Page - Analog Devices

Part # ADRF6821
Description  450 MHz to 2800 MHz, DPD RFIC with Integrated Fractional-N PLL and VCO
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6821 Datasheet(HTML) 32 Page - Analog Devices

Back Button ADRF6821 Datasheet HTML 28Page - Analog Devices ADRF6821 Datasheet HTML 29Page - Analog Devices ADRF6821 Datasheet HTML 30Page - Analog Devices ADRF6821 Datasheet HTML 31Page - Analog Devices ADRF6821 Datasheet HTML 32Page - Analog Devices ADRF6821 Datasheet HTML 33Page - Analog Devices ADRF6821 Datasheet HTML 34Page - Analog Devices ADRF6821 Datasheet HTML 35Page - Analog Devices ADRF6821 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 61 page
background image
ADRF6821
Data Sheet
Rev. A | Page 32 of 61
POWER SUPPLY CONFIGURATION
The ADRF6821 incorporates two main supply domains, namely
RF/IF and PLL/VCO. The RF/IF supply domain includes the
supplies related to the RF switch, the DSA, the mixer, the mixer
LO drivers, and the IF amplifier. The PLL/VCO supply domain
includes the PFD/CP, the VCO, the dividers, and the output
drivers.
RF/IF Supply Domain
Connect the RF/IF supply domain pins together with beads in
between and decoupling capacitors specific to each pin as shown
in Figure 62. The RF/IF supply pins draw a combined 350 mA
approximately. For the RF/IF supply domain, the ADRF6821
evaluation board employs the ADM7170, a low noise and high
power supply rejection ratio (PSRR) linear regulator that is
capable of delivering 500 mA.
The power supply rejection (PSR) of the RF/IF supply pins allow
the use of a switching supply to reduce the power consumption
on the linear regulators. The ADRF6821 evaluation board includes
the ADP2370 switching regulator and allows the observation of
the operation with a switching supply. The ADP2370 is a low
quiescent current buck regulator capable of delivering an output
current of 800 mA with a selectable switching frequencies of
600 kHz and 1.2 MHz. See the ADRF6821-EVALZ user guide
on how to configure the switching supply for RF/IF domain.
PLL/VCO Supply Domain
The PLL/VCO supply domain requires specific attention;
otherwise, performance degradation can result. The ADRF6821
incorporates an ultralow noise PLL and VCO that are sensitive
to any noise and/or frequency component at the supply pins.
These unwanted noise and frequency components degrade
the performance of the overall system. To avoid performance
degradation, the ADRF6821 evaluation board employs the
PLL/VCO supply domain circuit shown in Figure 63. The supply
circuit in Figure 63 uses the HMC1060, an ultralow noise, LDO
with four isolated outputs. Noise performance and isolated outputs
make the HMC1060 an ideal solution for the PLL/VCO supply
domain. For additional configuration options, refer to the
ADRF6821-EVALZ user guide.
0.1µF
10µF
10µF
100pF
VCC_3V3_I
0.1µF
100pF
VCC_3V3_Q
0.1µF
100pF
VCC_LO1
0.1µF
10µF
100pF
VCC_LO2
0.1µF
100pF
VCC_IFMIX_I
0.1µF
100pF
0.1µF
100pF
0.1µF
100pF
VCC_IFMIX_Q
VCC_IFMIX_I
VCC_IFMIX_Q
BEAD
BEAD
BEAD
BEAD
BEAD
BEAD
BEAD
BEAD
ADM7170
Figure 62. RF/IF Domain Power Supply Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com