Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6821 Datasheet(PDF) 28 Page - Analog Devices

Part # ADRF6821
Description  450 MHz to 2800 MHz, DPD RFIC with Integrated Fractional-N PLL and VCO
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6821 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADRF6821 Datasheet HTML 24Page - Analog Devices ADRF6821 Datasheet HTML 25Page - Analog Devices ADRF6821 Datasheet HTML 26Page - Analog Devices ADRF6821 Datasheet HTML 27Page - Analog Devices ADRF6821 Datasheet HTML 28Page - Analog Devices ADRF6821 Datasheet HTML 29Page - Analog Devices ADRF6821 Datasheet HTML 30Page - Analog Devices ADRF6821 Datasheet HTML 31Page - Analog Devices ADRF6821 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 61 page
background image
ADRF6821
Data Sheet
Rev. A | Page 28 of 61
LOW-PASS FILTER BANDWIDTH SELECTION
The ADRF6821 incorporates an on-chip, third-order, low-pass
filter (LPF) between the demodulator and the output buffer. The
filter has four different bandwidth settings. The EN_LPF_LB_I
(Register 0x0060, Bit 0) and the EN_LPF_LB_Q (Register 0x0060,
Bit 1) bits enable various LPF bandwidth modes, as detailed in
Table 12.
The ADRF6821 incorporates a wideband buffer at the I and Q
outputs that poses a challenge for the linearity of the overall
RFIC. For RF and LO frequencies lower than 1000 MHz, the
mixing product, RF + LO, is amplified by the wideband buffer
and, in turn, deteriorates the overall linearity. The on-chip LPF
can improve the leakage rejection of the high frequency mixing
product. Depending on the I/Q bandwidth requirement of the
system, the LPF can be set to lower bandwidths to provide
rejection at RF and LO frequencies. Table 16 can determine the
LPF bandwidth according to RF and LO frequency of operation.
Table 16. LPF Bandwidth Selection for Various RF and LO
Frequencies
LO Frequency
(MHz)
LPF Bandwidth
Setting (MHz)
EN_LPF_LB_I,
EN_LPF_LB_Q
450 to 1000
250
1, 1
1000 to 1200
500
1, 0
1200 to 2000
750
0, 1
2000 to 2800
1000
0, 0
Moreover, the on-chip LPF can improve the RF to IF and LO to
IF leakage performance for RF and LO frequencies higher than
1 GHz. However, note the gain flatness degradation with the use
of various LPF settings (see Figure 48).
14
0
2
4
6
8
10
12
0
100
200
300
400
500
IF FREQUENCY (MHz)
250MHz BANDWIDTH
500MHz BANDWIDTH
750MHz BANDWIDTH
1000MHz BANDWIDTH
Figure 48. Gain vs. IF Frequency for Various Low-Pass Filter Settings,
LO = 2000 MHz
Figure 49 and Figure 50 illustrate the effect of the LPF on the RF
to IF leakage and LO to IF leakage.
0
–70
–60
–50
–40
–30
–20
–10
450
920
1390
1860
2330
2800
RF FREQUENCY (MHz)
250MHz BANDWIDTH
500MHz BANDWIDTH
750MHz BANDWIDTH
1000MHz BANDWIDTH
Figure 49. RF to IF Rejection for RF Frequency at 100 MHz and a Low-Pass
Filter Setting of 250 MHz
0
–80
–70
–60
–50
–40
–30
–20
–10
450
920
1390
1860
2330
2800
LO FREQUENCY (MHz)
250MHz BANDWIDTH
500MHz BANDWIDTH
750MHz BANDWIDTH
1000MHz BANDWIDTH
Figure 50. LO to IF Rejection for LO Frequency at 100 MHz and a Low-Pass
Filter Setting of 250 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com