Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6821 Datasheet(PDF) 6 Page - Analog Devices

Part # ADRF6821
Description  450 MHz to 2800 MHz, DPD RFIC with Integrated Fractional-N PLL and VCO
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6821 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADRF6821 Datasheet HTML 2Page - Analog Devices ADRF6821 Datasheet HTML 3Page - Analog Devices ADRF6821 Datasheet HTML 4Page - Analog Devices ADRF6821 Datasheet HTML 5Page - Analog Devices ADRF6821 Datasheet HTML 6Page - Analog Devices ADRF6821 Datasheet HTML 7Page - Analog Devices ADRF6821 Datasheet HTML 8Page - Analog Devices ADRF6821 Datasheet HTML 9Page - Analog Devices ADRF6821 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 61 page
background image
ADRF6821
Data Sheet
Rev. A | Page 6 of 61
PLL/VCO SPECIFICATIONS
All supply pins = 3.3 V, TA = 25°C, reference frequency (fREF) = 122.88 MHz, fREF power = 10 dBm, PFD frequency (fPFD) = 30.72 MHz, and
loop filter BW = 20 kHz, unless otherwise noted.
Table 4.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
PLL REFERENCE
Frequency
10
30.72
250
MHz
Level
For PLL lock condition, 50 Ω to ground required
close to REF_IN pin
0.7
3.3
V p-p
Step Size
240
kHz
Lock Time
For PLL lock condition
0.4
ms
PFD FREQUENCY, fPFD
30.72
61.44
MHz
INTERNAL VCO RANGE
4000
8000
MHz
OPEN-LOOP VCO PHASE NOISE
VCO Frequency (fVCO) = 5440 MHz
10 kHz offset
−83
dBc/Hz
100 kHz offset
−110
dBc/Hz
1 MHz offset
−132
dBc/Hz
10 MHz offset
−152
dBc/Hz
fVCO = 7060 MHz
10 kHz offset
−80
dBc/Hz
100 kHz offset
−106
dBc/Hz
1 MHz offset
−127
dBc/Hz
10 MHz offset
−147
dBc/Hz
SYNTHESIZER SPECIFICATIONS
Fractional Figure of Merit (FOM)
−227
dBc/Hz
Flicker FOM
−262
dBc/Hz
fPFD Spurs1
Output to internal mixer and daisy-chain of
another ADRF6821
fPFD × 1
−90
dBc
fPFD × 2
−95
dBc
fPFD × 3 and Higher
−95
dBc
Unwanted Spurs (Other Than PFD and Harmonics)1
Output to internal mixer and daisy-chain of
another ADRF6821
−70
dBc
fLO = 1765 MHz, fVCO = 7060 MHz
Closed-Loop Phase Noise
1 kHz offset
−102
dBc/Hz
10 kHz offset
−97
dBc/Hz
100 kHz offset
−117
dBc/Hz
950 kHz offset
−138
dBc/Hz
2.1 MHz offset
−145
dBc/Hz
3.5 MHz offset
−149
dBc/Hz
7.5 MHz offset
−153
dBc/Hz
10 MHz offset
−156
dBc/Hz
85 MHz offset
−158
dBc/Hz
Integrated Phase Noise
100 Hz to 10 MHz integration BW
0.2
°rms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com