Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6821 Datasheet(PDF) 35 Page - Analog Devices

Part # ADRF6821
Description  450 MHz to 2800 MHz, DPD RFIC with Integrated Fractional-N PLL and VCO
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6821 Datasheet(HTML) 35 Page - Analog Devices

Back Button ADRF6821 Datasheet HTML 31Page - Analog Devices ADRF6821 Datasheet HTML 32Page - Analog Devices ADRF6821 Datasheet HTML 33Page - Analog Devices ADRF6821 Datasheet HTML 34Page - Analog Devices ADRF6821 Datasheet HTML 35Page - Analog Devices ADRF6821 Datasheet HTML 36Page - Analog Devices ADRF6821 Datasheet HTML 37Page - Analog Devices ADRF6821 Datasheet HTML 38Page - Analog Devices ADRF6821 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 61 page
background image
Data Sheet
ADRF6821
Rev. A | Page 35 of 61
REGISTER MAP AND REGISTER DESCRIPTIONS
Register addresses not listed in Table 18 are reserved, unused, or open registers.
Table 18.
Reg
Addr
(Hex)
Name
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
RW
0000
ADI_SPI_
CONFIG
[7:0]
SOFTRESET_
LSB_FIRST_
ENDIAN_
SDOACTIVE_
SDOACTIVE
ENDIAN
LSB_FIRST
SOFTRESET
0x00
R/W
0001
SPI_
CONFIG_B
[7:0]
SINGLE_
INSTRUCTION
CSB_STALL
MASTER_
SLAVE_RB
RESERVED
SOFT_RESET
MASTER_
SLAVE_
TRANSFER
0x00
R/W
0003
CHIPTYPE
[7:0]
CHIPTYPE
0x01
R
0004
PRODUCT_
ID_L
[7:0]
PRODUCT_ID, Bits[7:0]
0x13
R
0005
PRODUCT_
ID_H
[7:0]
PRODUCT_ID, Bits[15:8]
0x00
R
000A
SCRATCHPAD
[7:0]
SCRATCHPAD
0x00
R/W
000B
SPI_REV
[7:0]
SPI_REV
0x00
R
000C
VENDOR_
ID_L
[7:0]
VENDOR_ID, Bits[7:0]
0x56
R
000D
VENDOR_
ID_H
[7:0]
VENDOR_ID, Bits[15:8]
0x04
R
0020
MASTER_
CONFIG
[7:0]
RESERVED
EN_ANALOG_
MASTER
SPI_18_33_SEL
0x00
R/W
0030
RF_SWITCH
[7:0]
RESERVED
SEL_RFSW_
SPI_CONTROL
RFSW_SEL1
RFSW_SEL0
RFSW_SEL1_IN
RFSW_SEL0_IN
ENB_SW_
1P8_GEN
EN_SW
0x00
R/W
0031
DSA_
CONTROL
[7:0]
RESERVED
ATTEN_DSA
ENB_DSA_
1P8_GEN
EN_DSA
0x00
R/W
0032
DEMOD_
ENABLES
[7:0]
RESERVED
EN_IMXBIAS_Q
EN_IMXBIAS_I
EN_MIXIBIASGEN
EN_MIX_Q
EN_MIX_I
ENB_MIX_
1P8_GEN
0x00
R/W
0033
DEMOD_
LO_COM_
CTRL
[7:0]
CODE_MIXER_DRVR
0x00
R/W
0034
DEMOD_
OUT_COM_
CTRL
[7:0]
CODE_MIXER_OCM
0x00
R/W
003A
DEMOD_
SPARES
[7:0]
RESERVED
Q_MIXER_GAIN_ADJ
I_MIXER_GAIN_ADJ
MIXER_GAIN_PEAK
0x00
R/W
0040
DEMOD_
DRIVER_
COM_CTRL
[7:0]
EN_ICMLOBIAS_Q
EN_
ICMLOBIAS_I
EN_ICMOBIAS_Q
EN_ICMOBIAS_I
0x00
R/W
0050
DC_CTRL
[7:0]
RESERVED
EN_DC_DAC_Q
EN_DC_DAC_I
ENB_DCCOMP_
1P8_GEN
0x00
R/W
0051
DC_COMP_I_
CHAN_RF0
[7:0]
CODE_DC_IDAC_RF0
0x00
R/W
0052
DC_
COMP_Q_
CHAN_RF0
[7:0]
CODE_DC_QDAC_RF0
0x00
R/W
0053
DC_
COMP_I_
CHAN_RF1
[7:0]
CODE_DC_IDAC_RF1
0x00
R/W
0054
DC_
COMP_Q_
CHAN_RF1
[7:0]
CODE_DC_QDAC_RF1
0x00
R/W
0060
LPF_BW_SEL
[7:0]
RESERVED
SEL_LPF_
BW_LSB
SEL_LPF_
BW_MSB
0x00
R/W
0070
IF_AMP_
CTRL
[7:0]
RESERVED
EN_IFAMP_Q
EN_IFAMP_I
0x00
R/W
0080
LO_CTRL
[7:0]
RESERVED
SEL_LODRV_
PREDRVQ_POL
SEL_LODRV_
PREDRVI_POL
RESERVED
0x00
R/W
0090
EN_LO_
DIVIDER_
CTRL
[7:0]
RESERVED
EN_LODRV_
PREDRVQ
EN_LODRV_
PREDRVI
EN_LODRV_
DRVQ
EN_LODRV_DRVI
EN_DIVPATH_
QUADDIV
EN_DIVPATH_
BUF
EN_IBIASGEN
0x00
R/W
0092
LO_PHASE_
ADJ
[7:0]
TRM_LODRV_CAPQ
TRM_LODRV_CAPI
0x00
R/W
1021
BLOCK_
RESETS
[7:0]
RESERVED
ARSTB_
BLOCK_LKD
ARSTB_
BLOCK_
AUTOCAL
ARSTB_
BLOCK_NDIV
ARSTB_
BLOCK_RDIV
ARSTB_
BLOCK_
DSMOSTG
ARSTB_BLOCK_
DSMCORE
ARSTB_
BLOCK_
DSMALL
0xFF
R/W
1109
SIG_PATH_
9_NORMAL
[7:0]
RESERVED
TRM_MIXLODRV_DRV_POUT
TRM_XLODRV_DRV_POUT
RESERVED
0x0A
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com