Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6821 Datasheet(PDF) 47 Page - Analog Devices

Part # ADRF6821
Description  450 MHz to 2800 MHz, DPD RFIC with Integrated Fractional-N PLL and VCO
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6821 Datasheet(HTML) 47 Page - Analog Devices

Back Button ADRF6821 Datasheet HTML 43Page - Analog Devices ADRF6821 Datasheet HTML 44Page - Analog Devices ADRF6821 Datasheet HTML 45Page - Analog Devices ADRF6821 Datasheet HTML 46Page - Analog Devices ADRF6821 Datasheet HTML 47Page - Analog Devices ADRF6821 Datasheet HTML 48Page - Analog Devices ADRF6821 Datasheet HTML 49Page - Analog Devices ADRF6821 Datasheet HTML 50Page - Analog Devices ADRF6821 Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 61 page
background image
Data Sheet
ADRF6821
Rev. A | Page 47 of 61
Address: 0x1021, Reset: 0xFF, Name: BLOCK_RESETS
RSTB - Delta-Sigm a Modulator Referenc e
Counters , Core, Output Stage (+ N Div ider)
RSTB - Loc k detec t
RSTB - Delta-Sigm a Modulator Core
and Output Stage (+ N Div ider)
RSTB - Auto c alib ratio n o f Co unte rs
RSTB - De lta-Sig m a Mo d ulato r Outp ut
Stage (and N Div ider)
RSTB - N Div id e r
RSTB - Referenc e Div ider
0
1
1
1
2
1
3
1
4
1
5
1
6
1
7
1
[ 7 ] RES ERV ED
[ 0 ] ARS T B_BLO CK_D S M ALL ( R/W )
[ 6 ] ARS T B_BLO CK_LKD ( R/W )
[ 1 ] ARS T B_BLO CK_D S M CO RE ( R/W )
[ 5 ] ARS T B_BLO CK_AUT O CAL ( R/W )
[ 2 ] ARS T B_BLO CK_D S M O S T G ( R/W )
[ 4 ] ARS T B_BLO CK_N D IV ( R/W )
[ 3 ] ARS T B_BLO CK_RD IV ( R/W )
Table 46. Bit Descriptions for BLOCK_RESETS
Bits
Bit Name
Settings
Description
Reset
Access
7
RESERVED
Reserved.
0x1
R/W
6
ARSTB_BLOCK_LKD
RSTB – Lockdetect
0x1
R/W
5
ARSTB_BLOCK_AUTOCAL
RSTB – Autocalibration of Counters
0x1
R/W
4
ARSTB_BLOCK_NDIV
RSTB – N Divider (integer divider)
0x1
R/W
3
ARSTB_BLOCK_RDIV
RSTB – Reference Divider
0x1
R/W
2
ARSTB_BLOCK_DSMOSTG
RSTB – Delta-Sigma Modulator Output Stage (and N Divider)
0x1
R/W
1
ARSTB_BLOCK_DSMCORE
RSTB – Delta-Sigma Modulator Core and Output Stage (+N Divider)
0x1
R/W
0
ARSTB_BLOCK_DSMALL
RSTB – Delta-Sigma Modulator Reference Counters, Core, Output Stage
(+N Divider)
0x1
R/W
Address: 0x1109, Reset: 0x0A, Name: SIG_PATH_9_NORMAL
LO Output to Mix er Pow er Lev el
Aux iliary LO Output Pow er Lev el
0
0
1
1
2
0
3
1
4
0
5
0
6
0
7
0
[ 7 :5 ] RES ERV ED
[ 0 ] RES ERV ED
[ 4 :3 ] T RM _M IX LO D RV _D RV _P O UT ( R/W )
[ 2 :1 ] T RM _X LO D RV _D RV _P O UT ( R/W )
Table 47. Bit Descriptions for SIG_PATH_9_NORMAL
Bits
Bit Name
Settings
Description
Reset
Access
[7:5]
RESERVED
Reserved
0x0
R
[4:3]
TRM_MIXLODRV_DRV_POUT
LO Output to Mixer Power Level
0x1
R/W
[2:1]
TRM_XLODRV_DRV_POUT
Auxiliary LO Output Power Level
0x1
R/W
0
RESERVED
Reserved
0x0
R
Address: 0x1200, Reset: 0x89, Name: INT_L
Integer-N Word - Optionally Double
Buffered.
0
1
1
0
2
0
3
1
4
0
5
0
6
0
7
1
[7:0] INT_DIV[7:0] (R/W)
Table 48. Bit Descriptions for INT_L
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
INT_DIV,
Bits[7:0]
Integer-N Word—Optionally Double Buffered. Writing the LSB of the integer
word normally causes an autotune event.
0x189
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com