Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6821 Datasheet(PDF) 53 Page - Analog Devices

Part # ADRF6821
Description  450 MHz to 2800 MHz, DPD RFIC with Integrated Fractional-N PLL and VCO
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6821 Datasheet(HTML) 53 Page - Analog Devices

Back Button ADRF6821 Datasheet HTML 49Page - Analog Devices ADRF6821 Datasheet HTML 50Page - Analog Devices ADRF6821 Datasheet HTML 51Page - Analog Devices ADRF6821 Datasheet HTML 52Page - Analog Devices ADRF6821 Datasheet HTML 53Page - Analog Devices ADRF6821 Datasheet HTML 54Page - Analog Devices ADRF6821 Datasheet HTML 55Page - Analog Devices ADRF6821 Datasheet HTML 56Page - Analog Devices ADRF6821 Datasheet HTML 57Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 61 page
background image
Data Sheet
ADRF6821
Rev. A | Page 53 of 61
Dis able VCO Autom atic Lev el Control
(ALC) and Auto m atic Fre q ue nc y Co ntro l
(AFC) Calib ratio n
1: Pow er Up Sy nthes iz er.
0: Pow er Dow n Sy nthes iz er.
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[ 7 ] RES ERV ED
[ 5 :0 ] RES ERV ED
[ 6 ] D IS ABLE_CAL ( R/W )
Table 67. Bit Descriptions for VCO_FSM
Bits
Bit Name
Settings
Description
Reset
Access
7
RESERVED
Reserved.
0x0
R
6
DISABLE_CAL
Disable VCO Automatic Level Control (ALC) and Automatic Frequency Control
(AFC) Calibration. The PLL does not reset the calibration machine or trigger a new
calibration if set to 1 on a frequency hop to maintain ALC and capacitor positions.
0x0
R/W
0
Power-Down Synthesizer.
1
Power-Up Synthesizer.
[5:0]
RESERVED
Reserved.
0x0
R/W
Address: 0x122A, Reset: 0x02, Name: SD_CTRL
Sig m a-De lta Enab le w ith FRAC = 0
Loss of Lock (LOL) Enabled
Sig m a-De lta Enab le , Outp ut Off
0
0
1
1
2
0
3
0
4
0
5
0
6
0
7
0
[ 7 :6 ] RES ERV ED
[ 0 ] RES ERV ED
[ 5 ] S D _EN _FRAC0 ( R/W )
[ 1 ] S D _S M _2 ( R/W )
[ 4 ] S D _EN _O UT _O FF ( R/W )
[ 3 :2 ] RES ERV ED
Table 68. Bit Descriptions for SD_CTRL
Bits
Bit Name
Settings
Description
Reset
Access
[7:6]
RESERVED
Reserved.
0x0
R/W
5
SD_EN_FRAC0
Sigma-Delta Enable with FRAC = 0. The DSM normally recognizes a FRAC value
of all 0, and disables itself. Setting this mode can keep the DSM running even
when a zero FRAC is presented.
0x0
R/W
4
SD_EN_OUT_OFF
Sigma-Delta Enable, Output Off. Keeps the DSM core enabled and clocking but
ignores the output of the DSM and instead multiplexes the N divider setpoint
from the double buffer data directly.
0x0
R/W
[3:2]
RESERVED
Reserved.
0x0
R
1
SD_SM_2
Loss of Lock (LOL) Enabled. Enables the CSP/LOL circuit. Recommend Reserved 1.
0x1
R/W
0
RESERVED
Reserved.
0x0
R/W
Address: 0x122C, Reset: 0x03, Name: MULTI_FUNC_SYNTH_CTRL_022C
Charge Pum p Tristate
3: Charge Pum p Tristate Mode 3.
2: Charge Pum p Tristate Mode 2.
1: Charge Pum p Tristate Mode 1.
0: Charge Pum p Tristate Mode 0.
0
1
1
1
2
0
3
0
4
0
5
0
6
0
7
0
[7:2] RESERVED
[1:0] CP_HIZ (R/W)
Table 69. Bit Descriptions for MULTI_FUNC_SYNTH_CTRL_022C
Bits
Bit Name
Settings
Description
Reset
Access
[7:2]
RESERVED
Reserved
0x0
R
[1:0]
CP_HIZ
Charge Pump Tristate
0x3
R/W
0
Charge Pump Tristate Mode 0
1
Charge Pump Tristate Mode 1
2
Charge Pump Tristate Mode 2
3
Charge Pump Tristate Mode 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com