Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6821 Datasheet(PDF) 48 Page - Analog Devices

Part # ADRF6821
Description  450 MHz to 2800 MHz, DPD RFIC with Integrated Fractional-N PLL and VCO
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6821 Datasheet(HTML) 48 Page - Analog Devices

Back Button ADRF6821 Datasheet HTML 44Page - Analog Devices ADRF6821 Datasheet HTML 45Page - Analog Devices ADRF6821 Datasheet HTML 46Page - Analog Devices ADRF6821 Datasheet HTML 47Page - Analog Devices ADRF6821 Datasheet HTML 48Page - Analog Devices ADRF6821 Datasheet HTML 49Page - Analog Devices ADRF6821 Datasheet HTML 50Page - Analog Devices ADRF6821 Datasheet HTML 51Page - Analog Devices ADRF6821 Datasheet HTML 52Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 61 page
background image
ADRF6821
Data Sheet
Rev. A | Page 48 of 61
Address: 0x1201, Reset: 0x01, Name: INT_H
Integer-N Word - Optionally Double
Buffered.
0
1
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:0] INT_DIV[15:8] (R/W)
Table 49. Bit Descriptions for INT_H
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
INT_DIV,
Bits[15:8]
Integer-N Word—Optionally Double Buffered. Writing the LSB
of the integer word normally causes an autotune event.
0x189
R/W
Address: 0x1202, Reset: 0x00, Name: FRAC1_L
FRAC- N Wor d - Optionally Double Buffer ed
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[ 7 : 0 ] FRAC[ 7 : 0 ] ( R/W )
Table 50. Bit Descriptions for FRAC1_L
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
FRAC, Bits[7:0]
FRAC-N Word – Optionally Double Buffered. Lower 8 bits of 24-bit FRAC value.
0x0
R/W
Address: 0x1203, Reset: 0x00, Name: FRAC1_M
FRAC- N Wor d - Optionally Double Buffer ed
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[ 7 : 0 ] FRAC[ 1 5 : 8 ] ( R/W )
Table 51. Bit Descriptions for FRAC1_M
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
FRAC, Bits[15:8]
FRAC-N Word – Optionally Double Buffered. Lower 8 bits of 24-bit FRAC value.
0x0
R/W
Address: 0x1204, Reset: 0x00, Name: FRAC1_H
FRAC- N Wor d - Optionally Double Buffer ed
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[ 7 : 0 ] FRAC[ 2 3 : 1 6 ] ( R/W )
Table 52. Bit Descriptions for FRAC1_H
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
FRAC, Bits[23:16]
FRAC-N Word – Optionally Double Buffered. Lower 8 bits of 24-Bit FRAC value.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com