Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6821 Datasheet(PDF) 40 Page - Analog Devices

Part # ADRF6821
Description  450 MHz to 2800 MHz, DPD RFIC with Integrated Fractional-N PLL and VCO
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6821 Datasheet(HTML) 40 Page - Analog Devices

Back Button ADRF6821 Datasheet HTML 36Page - Analog Devices ADRF6821 Datasheet HTML 37Page - Analog Devices ADRF6821 Datasheet HTML 38Page - Analog Devices ADRF6821 Datasheet HTML 39Page - Analog Devices ADRF6821 Datasheet HTML 40Page - Analog Devices ADRF6821 Datasheet HTML 41Page - Analog Devices ADRF6821 Datasheet HTML 42Page - Analog Devices ADRF6821 Datasheet HTML 43Page - Analog Devices ADRF6821 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 61 page
background image
ADRF6821
Data Sheet
Rev. A | Page 40 of 61
Address: 0x000D, Reset: 0x04, Name: VENDOR_ID_H
VENDOR_ID
0
0
1
0
2
1
3
0
4
0
5
0
6
0
7
0
[ 7 :0 ] VEN D O R_ID [ 7 :0 ][ 1 5 :8 ] ( R)
Table 27. Bit Descriptions for VENDOR_ID_H
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
VENDOR_ID, Bits[15:8]
VENDOR_ID
0x456
R
Address: 0x0020, Reset: 0x00, Name: MASTER_CONFIG
Controls master enable, SPI mode, sleep mode, and the input word for the dc DAC.
3.3V SPI Output Level Selection
Mas ter Enable
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:2] RESERVED
[0] SPI_18_33_SEL (R/W)
[1] EN_ANALOG_MASTER (R/W)
Table 28. Bit Descriptions for MASTER_CONFIG
Bits
Bit Name
Settings
Description
Reset
Access
[7:2]
RESERVED
Reserved.
0x0
R
1
EN_ANALOG_MASTER
Master Enable. Master enable for the DPD analog blocks. Active high.
0x0
R/W
0
SPI_18_33_SEL
3.3 V SPI Output Level Selection. The high level is 3.3 V, and the low level is 1.8 V.
0x0
R/W
Address: 0x0030, Reset: 0x00, Name: RF_SWITCH
RF SW Enable (0:off 1:on)
SPI Ov erride for Pin Sw itc h Selec tion
RF SW 1.8V Referenc e Enable (1:off
0:on), Ac tiv e Low
Se le c t RF1 Inp ut
Ex te rnal RF Sw itc h Status (RFSEL0 )
Selec t RF0 Input
Ex te rnal RF Sw itc h Status (RFSEL1)
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[ 7 ] RES ERV ED
[ 0 ] EN _S W ( R/W )
[ 6 ] S EL_RFS W _S P I_CO N T RO L ( R/W )
[ 1 ] EN B_S W _1 P 8 _GEN ( R/W )
[ 5 ] RFS W _S EL1 ( R/W )
[ 2 ] RFS W _S EL0 _IN ( R)
[ 4 ] RFS W _S EL0 ( R/W )
[ 3 ] RFS W _S EL1 _IN ( R)
Table 29. Bit Descriptions for RF_SWITCH
Bits
Bit Name
Settings
Description
Reset
Access
7
RESERVED
Reserved.
0x0
R
6
SEL_RFSW_SPI_CONTROL
SPI Override for Pin Switch Selection.
0x0
R/W
5
RFSW_SEL1
Select RF1 Input. Software control for the RF channel selection (requires
that SEL_RFSW_SPI_CONTROL is set to 1).
0x0
R/W
0
Not selected (internal 50 Ω termination).
1
RF channel selected (signal connected to signal path).
4
RFSW_SEL0
Select RF0 Input. Software control for the RF channel selection (requires
that SEL_RFSW_SPI_CONTROL is set to 1).
0x0
R/W
0
Not selected (internal 50 Ω termination).
1
RF channel selected (signal connected to signal path).
3
RFSW_SEL1_IN
External RF Switch Status (RFSEL1). Readback status of the external RF
channel selection pin (RF_SEL1).
0x0
R
0
Not selected (internal 50 Ω termination).
1
RF channel selected (signal connected to signal path).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com