Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6821 Datasheet(PDF) 4 Page - Analog Devices

Part # ADRF6821
Description  450 MHz to 2800 MHz, DPD RFIC with Integrated Fractional-N PLL and VCO
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6821 Datasheet(HTML) 4 Page - Analog Devices

  ADRF6821 Datasheet HTML 1Page - Analog Devices ADRF6821 Datasheet HTML 2Page - Analog Devices ADRF6821 Datasheet HTML 3Page - Analog Devices ADRF6821 Datasheet HTML 4Page - Analog Devices ADRF6821 Datasheet HTML 5Page - Analog Devices ADRF6821 Datasheet HTML 6Page - Analog Devices ADRF6821 Datasheet HTML 7Page - Analog Devices ADRF6821 Datasheet HTML 8Page - Analog Devices ADRF6821 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 61 page
background image
ADRF6821
Data Sheet
Rev. A | Page 4 of 61
SYSTEM SPECIFICATIONS
All supply pins = 3.3 V, TA = 25°C, internal LO, minimum attenuation setting (DSA setting of 0 dB), MIXER_GAIN_PEAK = 0, VCM = 1.6 V,
25 Ω matching resistors on I/Q differential outputs, unless otherwise noted. All losses from input and output traces and baluns are
de-embedded from results.
Table 2.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
DEMODULATION BANDWIDTH
500
MHz
GROUP DELAY RIPPLE
Fixed LO frequency, any 75 MHz bandwidth (BW)
0.1
ns
Fixed LO frequency, any 280 MHz BW
0.2
ns
DYNAMIC PERFORMANCE AT fLO = 1000 MHz
High-side LO, IF frequency (fIF) = 100 MHz, RF frequency (fRF) =
900 MHz, low-pass filter (LPF) set to lowest BW
Power Gain
12
dB
Gain Flatness
Over any 75 MHz bandwidth, LPF set to maximum BW
0.12
dB
Over any 280 MHz bandwidth, LPF set to maximum BW
0.35
dB
Output 1 dB Power Compression (OP1dB)
Over all DSA settings, VCM = 1.6 V
12
dBm
Output Third-Order Intercept (OIP3)
Over all DSA settings, output power (POUT) = −10 dBm/tone,
fIF = 1 MHz to 75 MHz separation
33
dBm
Over all DSA settings, POUT = −10 dBm/tone, fIF = 175 MHz to
200 MHz separation
35
dBm
Output Second-Order Intercept (OIP2)
Over all DSA settings, POUT = −10 dBm/tone, fIF = 1 MHz to
75 MHz separation
75
dBm
Second-Order Harmonic Distortion (HD2)
POUT = −7 dBm continuous wave (CW) signal
−85
dBc
Third-Order Harmonic Distortion (HD3)
POUT = −7 dBm CW signal
−85
dBc
Noise Figure
Double-side band (DSB)
14
dB
Image Rejection
−41
dB
LO to IF Leakage
See Figure 26
−40
dBm
LO to RF Leakage
See Figure 27
−62
dBm
RF to IF Leakage
See Figure 25
−47
dBc
Isolation
Channel to channel
−58
dBc
DYNAMIC PERFORMANCE AT fLO = 2000 MHz
Low-side LO, fIF = 100 MHz, fRF = 2100 MHz
Power Gain
11
dB
Gain Flatness
Over any 75 MHz bandwidth
0.16
dB
Over any 280 MHz bandwidth
0.55
dB
OP1dB
Over all DSA settings, VCM = 1.6 V
12
dBm
OIP3
Over all DSA settings, POUT = −10 dBm/tone, fIF =1 MHz to
75 MHz separation
32
dBm
Over all DSA settings, POUT = −10 dBm/tone, fIF = 175 MHz to
200 MHz separation
33
dBm
OIP2
Over all DSA settings, POUT = −10 dBm/tone, fIF = 1 MHz to
75 MHz separation
74
dBm
HD2
POUT = −7 dBm CW signal
−81
dBc
HD3
POUT = −7 dBm CW signal
−86
dBc
Noise Figure
DSB
15
dB
Image Rejection
−41
dB
LO to IF Leakage
See Figure 26
−48
dBm
LO to RF Leakage
See Figure 27
−61
dBm
RF to IF Leakage
See Figure 25
−52
dBc
Isolation
Channel to channel
−43
dBc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com