Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6821 Datasheet(PDF) 11 Page - Analog Devices

Part # ADRF6821
Description  450 MHz to 2800 MHz, DPD RFIC with Integrated Fractional-N PLL and VCO
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6821 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADRF6821 Datasheet HTML 7Page - Analog Devices ADRF6821 Datasheet HTML 8Page - Analog Devices ADRF6821 Datasheet HTML 9Page - Analog Devices ADRF6821 Datasheet HTML 10Page - Analog Devices ADRF6821 Datasheet HTML 11Page - Analog Devices ADRF6821 Datasheet HTML 12Page - Analog Devices ADRF6821 Datasheet HTML 13Page - Analog Devices ADRF6821 Datasheet HTML 14Page - Analog Devices ADRF6821 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 61 page
background image
Data Sheet
ADRF6821
Rev. A | Page 11 of 61
Pin No.
Mnemonic
Description
27
CS
SPI Chip Select (N).
28
RST
Reset (Active Low).
29
DCL_BIAS
VCO Core Bias Decouple.
30
VTUNE
VTUNE Input.
31
EXT_LO_IN+
Positive External LO Input.
32
EXT_LO_IN−
Negative External LO Input.
33
VCCVCO_3V3
VCC 3.3 V Supply.
34
VCCDIV_3V3
LO Chain and Divider 3.3 V Supply.
35
VCCFBDIV_3V3
PLL Feedback Divider 3.3 V Supply.
36
VCCLO_MIX_3V3
LO Mixer Output Buffer 3.3 V Supply.
37
VCCLO_AUX_3V3
LO External Output Buffer 3.3 V Supply.
38
LO_OUT+
Positive External LO Output.
39
LO_OUT−
Negative External LO Output.
40
GND
Charge Pump Ground.
41
CPOUT
Charge Pump Output.
42
VCCCP_3V3
Charge Pump 3.3 V Supply.
43
VCCPFD_3V3
PFD 3.3 V Supply.
44
VCCREF_3V3
Reference Input Buffer 3.3 V Supply.
45
REF_IN
Reference Input Buffer.
46
SPILDO_OUT_1V8
SPI 1.8 V LDO External Decouple Output.
47
SDMLDO_OUT_1V8
Sigma-Delta Modulator (SDM) 1.8 V LDO External Decouple Output.
48
VBAT_DIG_3V3
SPI and SDM LDO 3.3 V Input.
49
VCC_IFMIX_Q
Q Channel Mixer VCC Supply.
50
VDCPL_Q
Q Channel Mixer Decoupling.
51
VCC_IFMIX_Q
Q Channel IF Amplifier VCC Supply.
53
IF_QOUT−
Q Channel IF Negative Output.
54
IF_QOUT+
Q Channel IF Positive Output.
56
VCC_3V3_Q
Q Channel 3.3 V Supply.
EPAD
Exposed Pad. The exposed pad must be connected to a ground plane with low thermal impedance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com