Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6821 Datasheet(PDF) 22 Page - Analog Devices

Part # ADRF6821
Description  450 MHz to 2800 MHz, DPD RFIC with Integrated Fractional-N PLL and VCO
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6821 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADRF6821 Datasheet HTML 18Page - Analog Devices ADRF6821 Datasheet HTML 19Page - Analog Devices ADRF6821 Datasheet HTML 20Page - Analog Devices ADRF6821 Datasheet HTML 21Page - Analog Devices ADRF6821 Datasheet HTML 22Page - Analog Devices ADRF6821 Datasheet HTML 23Page - Analog Devices ADRF6821 Datasheet HTML 24Page - Analog Devices ADRF6821 Datasheet HTML 25Page - Analog Devices ADRF6821 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 61 page
background image
ADRF6821
Data Sheet
Rev. A | Page 22 of 61
Internal LO Mode
For internal LO mode, the ADRF6821 uses the on-chip PLL and
VCO to synthesize the frequency of the LO signal. The PLL,
shown in Figure 46, consists of a reference path, phase and
frequency detector (PFD), charge pump, and a programmable
integer divider with prescaler. The reference path takes in a
reference clock and it is divided down by a value calculated with
a reference (R) divider together with a doubler bit and a
prescaler bit. Then the divided down reference signal passes to
the PFD. The PFD compares this signal to the divided down
signal from the VCO. The PFD sends an up or down signal to
the charge pump if the VCO signal is slow or fast compared to the
reference frequency. The charge pump sends a current pulse to
the off-chip loop filter to increase or decrease the tuning voltage
(VTUNE).
The ADRF6821 integrates multiple VCO cores covering an
octave range of 4 GHz to 8 GHz. The suitable VCO is selected
with the autotune functionality built into the chip. After the
user determines the necessary register values, a write to the
INT_L register (Address 0x1200) initiates the autotune process.
LO Frequency and Dividers
The signal coming from the VCO or the external LO inputs
passes through a series of dividers before it is buffered to drive
the demodulator. The programmable, divide by 2 stages divide
the frequency of the incoming signal by 1, 2, 4, and 8 before
reaching the quadrature divider that further divides the signal
frequency by 2 to generate the in phase and quadrature phase
LO signals for the mixers. The LO control bits (OUT_DIVRATIO,
Register 0x1414, Bits[4:0]) needed to select the different LO
frequency ranges are listed in Table 13.
Table 13. Output Divide Ratio for Frequency Ranges
2× LO Frequency
(MHz)
OUT_DIVRATIO
(Register 0x1414, Bits[4:0])
VCO
Frequency
900 to 1000
01000
(2× LO) × 8
1000 to 2000
00100
(2× LO) × 4
2000 to 4000
00010
(2× LO) × 2
4000 to 5600
00001
(2× LO) × 1
PLL Frequency Programming
The INT, FRAC1, FRAC2, and MOD values, in conjunction
with the R counter, make it possible to generate output frequencies
that are spaced by fractions of the PFD frequency (fPFD).
Calculate the VCO frequency (VCOOUT) by
VCOOUT = fPFD × N
(1)
where:
VCOOUT is the output frequency of the VCO (without using
the output divider).
fPFD is the frequency of the phase frequency detector. Calculate
fPFD by
fPFD = REFIN × ((1 + D)/(R × (1 + T)))
(2)
where:
REFIN is the reference input frequency.
D is the REFIN doubler bit (Register 0x120E, Bit 3).
R is the preset divide ratio of the binary 7-bit programmable
reference counter, 1 to 255, (Register 0x120C, Bits[6:0]).
T is the REFIN divide by 2 bit, set to 0 or 1, (Register 0x120E, Bit 0).
N is the desired value of the feedback counter. N compromises
216
,
777
,
16
MOD
FRAC2
FRAC1
INT
N
+
+
=
(3)
where:
INT is the 16-bit integer value (23 to 32,767 for the prescaler in
4/5 mode, 75 to 65,535 for the prescaler in 8/9 mode) referenced
with Register 0x1201 and Register 0x1200. The recommended
setting for the prescaler is 8/9 mode, and it is set by enabling
PRE_SEL (Register 0x120B, Bit 1).
FRAC1 is the 24-bit numerator of the primary modulus (0 to
16,777,215) referenced with Register 0x1204, Register 0x1203,
and Register 0x1202.
FRAC2 is the numerator of the 14-bit auxiliary modulus (0 to
16,383) referenced with Register 0x1234, Bits[5:0] and
Register 0x1233.
MOD is the programmable, 14-bit auxiliary fractional modulus
(2 to 16,383), referenced with Register 0x1209, Bits[5:0] and
Register 0x1208.
EXTERNAL
LOOP FILTER
EXT_LO_IN+
EXT_LO_IN–
CPOUT
VTUNE
N = INT +
FRAC1 +
16,777,216
FRAC2
MOD
CHARGE
PUMP
R
DIVIDER
PFD
PRESCALER
OUT
DIVIDER
REGISTER 0x1414
[4:0]
REGISTER 0x120B
TO DEMODULATOR
SEE EXTERNAL
LO MODE
SECTION
SEE PLL FREQUENCY
PROGRAMMING SECTION
SEE PLL FREQUENCY
PROGRAMMING SECTION
DIVIDE
BY 2
32
31
30
41
REF_IN
45
Figure 46. PLL/VCO Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com