Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6821 Datasheet(PDF) 26 Page - Analog Devices

Part # ADRF6821
Description  450 MHz to 2800 MHz, DPD RFIC with Integrated Fractional-N PLL and VCO
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6821 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADRF6821 Datasheet HTML 22Page - Analog Devices ADRF6821 Datasheet HTML 23Page - Analog Devices ADRF6821 Datasheet HTML 24Page - Analog Devices ADRF6821 Datasheet HTML 25Page - Analog Devices ADRF6821 Datasheet HTML 26Page - Analog Devices ADRF6821 Datasheet HTML 27Page - Analog Devices ADRF6821 Datasheet HTML 28Page - Analog Devices ADRF6821 Datasheet HTML 29Page - Analog Devices ADRF6821 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 61 page
background image
ADRF6821
Data Sheet
Rev. A | Page 26 of 61
Pin No.
Mnemonic
Description
Basic Connection
3.3 V RF/IF Power
15, 56
VCC_3V3_I, VCC_3V3_Q
Supply for DSA and RF
switches
Decouple these power supply pins to ground
using 100 pF, 0.1 µF, and 10 µF capacitors. Place
the decoupling capacitors close to these pins.
6, 8
VCC_LO1, VCC_LO2
LO path to mixer supply
Decouple these power supply pins to ground
using 100 pF and 0.1 µF capacitors. Place the
decoupling capacitors close to these pins.
22, 49
VCC_IFMIX_I,
VCC_IFMIX_Q
Mixer supply
20, 51
VCC_IFMIX_I,
VCC_IFMIX_Q
IF amplifier supply
VCM Input
1, 14
VCM_Q, VCM_I
VCM adjust pins
Decouple the VCM input pins to ground using
100 pF and 0.1 µF capacitors and connect these
pins to the same supply domain as the
VCC_IFMIX_Q and VCC_IFMIX_I pins. Place the
decoupling capacitors close to the pins. Place a
resistive divider to divide the supply voltage into
two. Use 5.1 kΩ (or similar) for resistive divider
component values.
Decoupling
2
VDD_DIG
Decoupling pin for the
internal LDO to supply the
internal digital circuits
Decouple these pins to ground using 100 pF and
0.1 µF capacitors. Place the decoupling capacitors
close to these pins.
21, 50
VDCPL_I, VDCPL_Q
Decoupling pins for I and Q
channels
IF Outputs
17, 18, 53, 54
IF_IOUT+, IF_IOUT−,
IF_QOUT−, IF_QOUT+
I and Q outputs
Place 25 Ω resistors in series for each differential
leg. The differential I/Q output impedance
together with the series 25 Ω resistors becomes
60 Ω. For optimized performance, the 60 Ω output
impedance must be terminated with a 100 Ω load.
3.3 V PLL/VCO Power
33
VCCVCO_3V3
VCO 3.3 V supply
Decouple these power supply pins to ground using
100 pF and 0.1 µF capacitors. Place the decoupling
capacitors close to the pins. Employ ferrite beads
to provide isolation between the PLL/VCO supply
pins. Beware of the series resistance of the ferrite
beads and try to minimize the voltage drop.
34
VCCDIV_3V3
LO chain and divider 3.3 V
supply
35
VCCFBDIV_3V3
PLL feedback divider 3.3 V
supply
36
VCCLO_MIX_3V3
LO mixer output buffer 3.3 V
supply
37
VCCLO_AUX_3V3
LO external output buffer
3.3 V supply
42
VCCCP_3V3
Charge pump 3.3 V supply
43
VCCPFD_3V3
PFD 3.3 V supply
44
VCCREF_3V3
Reference input buffer 3.3 V
supply
48
VBAT_DIG_3V3
SPI and SDM LDO 3.3 V
supply
PLL/VCO
23
LO_LCKDT
LO lock detect
29
DCL_BIAS
VCO core bias decouple
Decouple this pin to ground using a 0.1 µF capacitor.
30
VTUNE
VTUNE input
This pin is driven by the output of the loop filter;
its nominal input voltage range is 1.5 V to 2.5 V.
41
CPOUT
Charge pump output
Connect this pin to the VTUNE pin through the
loop filter.
45
REF_IN
Reference input buffer
The nominal input level of this pin is 1 V p-p. The
input range is 10 MHz to 250 MHz. This pin is
internally biased and must be ac-coupled and
terminated externally with a 50 Ω resistor. Place
the ac coupling capacitor between the pin and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com