Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6821 Datasheet(PDF) 38 Page - Analog Devices

Part # ADRF6821
Description  450 MHz to 2800 MHz, DPD RFIC with Integrated Fractional-N PLL and VCO
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6821 Datasheet(HTML) 38 Page - Analog Devices

Back Button ADRF6821 Datasheet HTML 34Page - Analog Devices ADRF6821 Datasheet HTML 35Page - Analog Devices ADRF6821 Datasheet HTML 36Page - Analog Devices ADRF6821 Datasheet HTML 37Page - Analog Devices ADRF6821 Datasheet HTML 38Page - Analog Devices ADRF6821 Datasheet HTML 39Page - Analog Devices ADRF6821 Datasheet HTML 40Page - Analog Devices ADRF6821 Datasheet HTML 41Page - Analog Devices ADRF6821 Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 61 page
background image
ADRF6821
Data Sheet
Rev. A | Page 38 of 61
REGISTER DESCRIPTIONS
Address: 0x0000, Reset: 0x00, Name: ADI_SPI_CONFIG
SOFTRESET_
SOFTRESET
LSB_FIRST_
LSB_FIRST
ENDIAN_
ENDIAN
SDOACTIVE_
SDOACTIVE
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[ 7 ] S O FT RES ET _ ( R/W )
[ 0 ] S O FT RES ET ( R/W )
[ 6 ] LS B_FIRS T _ ( R/W )
[ 1 ] LS B_FIRS T ( R/W )
[ 5 ] ENDIAN_ ( R/W )
[ 2 ] ENDIAN ( R/W )
[ 4 ] S D O ACT IV E_ ( R/W )
[ 3 ] S D O ACT IV E ( R/W )
Table 19. Bit Descriptions for ADI_SPI_CONFIG
Bits
Bit Name
Settings
Description
Reset
Access
7
SOFTRESET_
SOFTRESET_
0x0
R/W
6
LSB_FIRST_
LSB_FIRST_
0x0
R/W
5
ENDIAN_
ENDIAN_
0x0
R/W
4
SDOACTIVE_
SDOACTIVE_
0x0
R/W
3
SDOACTIVE
SDOACTIVE
0x0
R/W
2
ENDIAN
ENDIAN
0x0
R/W
1
LSB_FIRST
LSB_FIRST
0x0
R/W
0
SOFTRESET
SOFTRESET
0x0
R/W
Address: 0x0001, Reset: 0x00, Name: SPI_CONFIG_B
Single Instruction
Master Slave Transfer
CSB Stall
Soft Reset
Master Slave RB
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7] SINGLE_INSTRUCTION (R/W)
[0] MASTER_SLAVE_TRANSFER (R/W)
[6] CSB_STALL (R/W)
[2:1] SOFT_RESET (R/W)
[5] MASTER_SLAVE_RB (R/W)
[4:3] RESERVED
Table 20. Bit Descriptions for SPI_CONFIG_B
Bits
Bit Name
Settings
Description
Reset
Access
7
SINGLE_INSTRUCTION
Single Instruction
0x0
R/W
6
CSB_STALL
CSB Stall
0x0
R/W
5
MASTER_SLAVE_RB
Master Slave Readback (RB)
0x0
R/W
[4:3]
RESERVED
Reserved
0x0
R/W
[2:1]
SOFT_RESET
Soft Reset
0x0
R/W
0
MASTER_SLAVE_TRANSFER
Master Slave Transfer
0x0
R/W
Address: 0x0003, Reset: 0x01, Name: CHIPTYPE
Chip Type, Read Only
0
1
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:0] CHIPTYPE (R)
Table 21. Bit Descriptions for CHIPTYPE
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
CHIPTYPE
Chip Type, Read Only
0x1
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com