Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6821 Datasheet(PDF) 60 Page - Analog Devices

Part # ADRF6821
Description  450 MHz to 2800 MHz, DPD RFIC with Integrated Fractional-N PLL and VCO
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6821 Datasheet(HTML) 60 Page - Analog Devices

Back Button ADRF6821 Datasheet HTML 53Page - Analog Devices ADRF6821 Datasheet HTML 54Page - Analog Devices ADRF6821 Datasheet HTML 55Page - Analog Devices ADRF6821 Datasheet HTML 56Page - Analog Devices ADRF6821 Datasheet HTML 57Page - Analog Devices ADRF6821 Datasheet HTML 58Page - Analog Devices ADRF6821 Datasheet HTML 59Page - Analog Devices ADRF6821 Datasheet HTML 60Page - Analog Devices ADRF6821 Datasheet HTML 61Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 60 / 61 page
background image
ADRF6821
Data Sheet
Rev. A | Page 60 of 61
Address: 0x154C, Reset: 0x00, Name: RDIV2_SEL_SLAVE
Reference Divide by 2
1: Reference Divide by 2 Enabled.
0: Reference Divide by 2 Disabled.
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:1] RESERVED
[0] RDIV2_SEL_SLV (R)
Table 92. Bit Descriptions for RDIV2_SEL_SLAVE
Bits
Bit Name
Settings
Description
Reset
Access
[7:1]
RESERVED
Reserved.
0x0
R
0
RDIV2_SEL_SLV
Reference Divide by 2
0x0
R
0
Reference Divide by 2 Disabled
1
Reference Divide by 2 Enabled
Address: 0x1583, Reset: 0x00, Name: DISABLE_CFG
Disable the Phase Adjust from the SPI
Register
De lay the DSM Clo ck Launch.
If Double Buffering Is Disabled, a R_DIV
Write Resets Rdivider
Disable the Generation of Frequency
Hop from the SPI Register
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[ 7 :5 ] RES ERV ED
[ 0 ] D IS ABLE_P H AS EAD J ( R/W )
[ 4 :3 ] D S M _LAUN CH _D LY ( R/W )
[ 1 ] D IS ABLE_D BLBUFFERIN G ( R/W )
[ 2 ] D IS ABLE_FREQ H O P ( R/W )
Table 93. Bit Descriptions for DISABLE_CFG
Bits
Bit Name
Settings
Description
Reset
Access
[7:5]
RESERVED
Reserved.
0x0
R
[4:3]
DSM_LAUNCH_DLY
Delay the DSM Clock Launch.
0x0
R/W
2
DISABLE_FREQHOP
Disable the Generation of the Frequency Hop from the SPI Register.
0x0
R/W
1
DISABLE_DBLBUFFERING
If Double Buffering Is Disabled, a R_DIV Write Resets RDIVIDER.
0x0
R/W
0
DISABLE_PHASEADJ
Disable the Phase Adjust from the SPI Register.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com