Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6821 Datasheet(PDF) 31 Page - Analog Devices

Part # ADRF6821
Description  450 MHz to 2800 MHz, DPD RFIC with Integrated Fractional-N PLL and VCO
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6821 Datasheet(HTML) 31 Page - Analog Devices

Back Button ADRF6821 Datasheet HTML 27Page - Analog Devices ADRF6821 Datasheet HTML 28Page - Analog Devices ADRF6821 Datasheet HTML 29Page - Analog Devices ADRF6821 Datasheet HTML 30Page - Analog Devices ADRF6821 Datasheet HTML 31Page - Analog Devices ADRF6821 Datasheet HTML 32Page - Analog Devices ADRF6821 Datasheet HTML 33Page - Analog Devices ADRF6821 Datasheet HTML 34Page - Analog Devices ADRF6821 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 61 page
background image
Data Sheet
ADRF6821
Rev. A | Page 31 of 61
IMAGE REJECTION
For direct conversion systems, maximizing image rejection is
key to achieving performance and optimizing bandwidth. The
amplitude and phase mismatch of the baseband I and Q paths
directly translates to degradation in image rejection, as is shown
in the following equation. The equation translates the gain and
quadrature phase mismatch to the image rejection ratio (IRR)
performance.
)
cos(
2
1
)
cos(
2
1
10log
(dB)
e
e
2
e
e
e
2
e
A
A
A
A
IRR
ϕ
+
+
ϕ
+
+
=
where:
Ae is the amplitude error and is shown in Figure 58 for various
LO frequencies.
φe is the phase error and is shown in Figure 59 for various LO
frequencies.
The image rejection calculated with the given phase and gain
mismatches is shown in Figure 60.
0.50
0
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0
100
200
300
400
500
50
150
250
350
450
IF FREQUENCY (MHz)
LO = 1000MHz
LO = 2000MHz
LO = 2800MHz
Figure 58. Gain Mismatch (Error) Between I and Q Outputs vs. IF Frequency
4.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
100
200
300
400
500
50
150
250
350
450
IF FREQUENCY (MHz)
LO = 1000MHz
LO = 2000MHz
LO = 2800MHz
Figure 59. Phase Mismatch (Error) Between I and Q Outputs vs. IF Frequency
One of the dominant sources of phase error in a system originates
from the demodulator where the quadrature phase split of the
LO signal occurs. The ADRF6821 offers phase and gain adjustment
of the I and Q paths independently to allow quadrature correction.
Adjusting the phase with the TRM_LODRV_CAPI bits
(Register 0x0092, Bits[3:0]) for the I path correction and the
TRM_LODRV_CAPQ bits (Register 0x0092, Bits[7:4]) for the
Q path correction accesses the quadrature correction. Adjust
the I_MIXER_GAIN_ADJ bits (Register 0x003A, Bits[3:2]) and
the Q_MIXER_GAIN_ADJ bits (Register 0x003A, Bits[5:4]) for
the I and Q outputs, respectively, to achieve gain correction.
Figure 60 shows uncalibrated and calibrated image rejection for
an LO frequency of 2800 MHz and across temperature.
45
0
5
10
15
20
25
30
35
40
0
100
200
300
400
500
50
150
250
350
450
IF FREQUENCY (MHz)
–40°C
+27°C
+105°C
CORRECTED
UNCORRECTED
Figure 60. Corrected and Uncorrected Image Rejection vs. IF Frequency for
Various Temperatures, fLO = 2800 MHz
For any correction circuit, it is important to observe the effect
of temperature on the correction level and settings. Figure 61
shows how the correction with a given phase and gain setting
holds across temperature.
4.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
100
200
300
400
500
50
150
250
350
450
IF FREQUENCY (MHz)
TRM_LODRV_CAPI = 0
TRM_LODRV_CAPI = 8
TRM_LODRV_CAPI = 15
Figure 61. Phase Mismatch vs. IF Frequency (fLO = 2800 MHz) for Various
Phase Setting Values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com