Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6821 Datasheet(PDF) 37 Page - Analog Devices

Part # ADRF6821
Description  450 MHz to 2800 MHz, DPD RFIC with Integrated Fractional-N PLL and VCO
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6821 Datasheet(HTML) 37 Page - Analog Devices

Back Button ADRF6821 Datasheet HTML 33Page - Analog Devices ADRF6821 Datasheet HTML 34Page - Analog Devices ADRF6821 Datasheet HTML 35Page - Analog Devices ADRF6821 Datasheet HTML 36Page - Analog Devices ADRF6821 Datasheet HTML 37Page - Analog Devices ADRF6821 Datasheet HTML 38Page - Analog Devices ADRF6821 Datasheet HTML 39Page - Analog Devices ADRF6821 Datasheet HTML 40Page - Analog Devices ADRF6821 Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 61 page
background image
Data Sheet
ADRF6821
Rev. A | Page 37 of 61
Reg
Addr
(Hex)
Name
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
RW
1546
PHASE_L_
SLAVE
[7:0]
PHASE_SLV, Bits[7:0]
0x00
R
1547
PHASE_
M_SLAVE2
[7:0]
PHASE_SLV, Bits[15:8]
0x00
R
1548
PHASE_
H_SLAVE3
[7:0]
PHASE_SLV, Bits[23:16]
0x00
R
1549
INT_DIV_
L_SLAVE
[7:0]
INT_DIV_SLV, Bits[7:0]
0x89
R
154A
INT_DIV_
H_SLAVE
[7:0]
INT_DIV_SLV, Bits[15:8]
0x01
R
154B
R_DIV_
SLAVE
[7:0]
RESERVED
R_DIV_SLV
0x03
R
154C
RDIV2_
SEL_SLAVE
[7:0]
RESERVED
RDIV2_SEL_SLV
0x00
R
1583
DISABLE_
CFG
[7:0]
RESERVED
DSM_LAUNCH_DLY
DISABLE_
FREQHOP
DISABLE_
DBLBUFFERING
DISABLE_
PHASEADJ
0x00
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com