Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6821 Datasheet(PDF) 20 Page - Analog Devices

Part # ADRF6821
Description  450 MHz to 2800 MHz, DPD RFIC with Integrated Fractional-N PLL and VCO
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6821 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADRF6821 Datasheet HTML 16Page - Analog Devices ADRF6821 Datasheet HTML 17Page - Analog Devices ADRF6821 Datasheet HTML 18Page - Analog Devices ADRF6821 Datasheet HTML 19Page - Analog Devices ADRF6821 Datasheet HTML 20Page - Analog Devices ADRF6821 Datasheet HTML 21Page - Analog Devices ADRF6821 Datasheet HTML 22Page - Analog Devices ADRF6821 Datasheet HTML 23Page - Analog Devices ADRF6821 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 61 page
background image
ADRF6821
Data Sheet
Rev. A | Page 20 of 61
THEORY OF OPERATION
The ADRF6821 integrates many of the essential building blocks
for a high bandwidth quadrature demodulator and receiver,
especially for the feedback downconverter path for the digital
predistortion in cellular base stations. The main features include
two single-pole, double-throw (SPDT) RF input switches, a
balun, a variable RF attenuator, a pair of active mixers, and two
baseband buffers. Additionally, the local oscillator (LO) signals
for the mixers are generated by a fractional-N synthesizer and a
multicore voltage controlled oscillator (VCO), covering an octave
frequency range with low phase noise. A pair of flip-flops then
divides the LO frequency by two and generates the in phase and
quadrature phase LO signals to drive the mixers. The synthesizer
uses a fractional-N phase-locked loop (PLL) with additional
frequency dividers to enable continuous LO coverage from
450 MHz to 2800 MHz.
The signal path through the device begins at one of two RF
inputs, RFIN_FB0 and RFIN_FB1, selected by the RF switches.
The selected single-ended input converts to a differential signal
via the integrated balun. The differential RF signal attenuates to
an optimal input level via the digital step attenuator with 15 dB
of attenuation range in 1 dB steps. The RF signal then mixes
with the LO signal in the Gilbert cell mixers down to an
intermediate frequency (IF) or baseband. From the mixer, the
signal passes through a wideband low-pass filter to remove the
higher order mixing terms, followed by a fixed gain linear IF
amplifier.
The different sections of the ADRF6821 are controlled through
registers programmable via a serial peripheral interface (SPI).
The EN_ANALOG_MASTER bit (Register 0x0020, Bit 1) is the
master enable for all enables related to the RF switch, attenuator,
mixer, IF amplifiers, divider, and LO drivers. This bit does not
control any of the enables related to LO generation blocks.
RF INPUT SWITCH
The ADRF6821 incorporates two SPDT switches, which allow
one RF input to be selected while the other RF input can be
correctly terminated to 50 Ω. Selection of the desired RF input
is achieved externally via two control pins or serially via register
writes to the SPI. When compared to the serial write approach,
pin control allows faster switching between the RF inputs. Using
the RF_SEL0 and RF_SEL1 pins (Pin 9 and Pin 10, respectively),
the RF input can be switched from one channel to the other
quickly and settle the IF output within 2 µs. When the input is
controlled via the SPI serial port, the time for the serial data
transfer must also be considered and is dependent on the serial
interface clock rate.
The SEL_RFSW_SPI_CONTROL bit (Register 0x0030, Bit 6)
selects whether the RF input switch is controlled via the external
pins or via the SPI (see Table 10). By default at power-up, the
device is configured for pin control. In serial mode control,
writing to the RFSW_SEL0 bit (Register 0x0030, Bit 4) allows
selection of RF Input 0 and writing to the RFSW_SEL1 bit
(Register 0x0030, Bit 5) allows selection of RF Input 1. If only
one RFINx port is used, the unused RF input must be properly
terminated to improve isolation. It is recommended to use a dc
blocking capacitor to GND as termination. Figure 45 shows the
recommended configuration when only RFIN_FB0 is employed.
11
4
RFIN_FB0
ADRF6821
50Ω
50Ω
100pF
RFIN_FB1
Figure 45. Terminating the Unused Port of the ADRF6821
Table 10. RF Input Selection1
SEL_RFSW_SPI_CONTROL Bit,
(Register 0x0030, Bit 6)
RFSW_SEL0 Bit,
(Register 0x0030, Bit 4)
RFSW_SEL1 Bit,
(Register 0x0030, Bit 5)
RF_SEL0 and RF_SEL1 Pins
RF Input Pin
0
X
X
RF_SEL0
RFIN_FB0
0
X
X
RF_SEL1
RFIN_FB1
1
1
0
X
RFIN_FB0
1
0
1
X
RFIN_FB1
1
X means don’t care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com