Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6821 Datasheet(PDF) 5 Page - Analog Devices

Part # ADRF6821
Description  450 MHz to 2800 MHz, DPD RFIC with Integrated Fractional-N PLL and VCO
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6821 Datasheet(HTML) 5 Page - Analog Devices

  ADRF6821 Datasheet HTML 1Page - Analog Devices ADRF6821 Datasheet HTML 2Page - Analog Devices ADRF6821 Datasheet HTML 3Page - Analog Devices ADRF6821 Datasheet HTML 4Page - Analog Devices ADRF6821 Datasheet HTML 5Page - Analog Devices ADRF6821 Datasheet HTML 6Page - Analog Devices ADRF6821 Datasheet HTML 7Page - Analog Devices ADRF6821 Datasheet HTML 8Page - Analog Devices ADRF6821 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 61 page
background image
Data Sheet
ADRF6821
Rev. A | Page 5 of 61
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE AT fLO = 2800 MHz
High-side LO, fIF = 100 MHz, fRF = 2700 MHz
Power Gain
10
dB
Gain Flatness
Over any 75 MHz bandwidth
0.08
dB
Over any 280 MHz bandwidth
0.25
dB
OP1dB
Over all DSA settings, VCM = 1.6 V
12
dBm
OIP3
Over all DSA settings, POUT = −10 dBm/tone, fIF =1 MHz to
75 MHz separation
33
dBm
Over all DSA settings, POUT = −10 dBm/tone, fIF = 175 MHz to
200 MHz separation
34
dBm
OIP2
Over all DSA settings, POUT = −10 dBm/tone, fIF = 1 MHz to
75 MHz separation
70
dBm
HD2
POUT = −7 dBm CW signal
−80
dBc
HD3
POUT = −7 dBm CW signal
−82
dBc
Noise Figure
DSB
17
dB
Image Rejection
−32
dB
LO to IF Leakage
See Figure 26
−54
dBm
LO to RF Leakage
See Figure 27
−59
dBm
RF to IF Leakage
See Figure 25
−61
dBc
Isolation
Channel to channel
−46
dBc
DSA AND RF INPUT SWITCH SPECIFICATIONS
All supply pins = 3.3 V, TA = 25°C, internal LO, minimum attenuation setting (DSA setting of 0 dB), MIXER_GAIN_PEAK = 0, VCM = 1.6 V,
25 Ω matching resistors on I/Q differential outputs, unless otherwise noted. All losses from input and output traces and baluns are
de-embedded from results.
Table 3.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
DIGITAL STEP ATTENUATOR
Attenuation Range
15
dB
Step Size
1
dB
Step Error
±(0.3 + attenuation × 5%)
dB
Settling Time
Between any two different attenuation settings
100
ns
DSA Phase Shift
Between any two different attenuation settings
5
Degrees
RF INPUT SWITCH
Switch Settling Time
50% control signal to 99% or1% RF signal final value
2
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com