Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6821 Datasheet(PDF) 30 Page - Analog Devices

Part # ADRF6821
Description  450 MHz to 2800 MHz, DPD RFIC with Integrated Fractional-N PLL and VCO
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6821 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADRF6821 Datasheet HTML 26Page - Analog Devices ADRF6821 Datasheet HTML 27Page - Analog Devices ADRF6821 Datasheet HTML 28Page - Analog Devices ADRF6821 Datasheet HTML 29Page - Analog Devices ADRF6821 Datasheet HTML 30Page - Analog Devices ADRF6821 Datasheet HTML 31Page - Analog Devices ADRF6821 Datasheet HTML 32Page - Analog Devices ADRF6821 Datasheet HTML 33Page - Analog Devices ADRF6821 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 61 page
background image
ADRF6821
Data Sheet
Rev. A | Page 30 of 61
ANALOG-TO-DIGITAL CONVERTER (ADC)
INTERFACING
The ADRF6821 perfectly suits in a zero IF receiver chain. The
integrated IF amplifier of the ADRF6821 provides variable and
sufficient drive capabilities for both buffered and unbuffered
ADCs. It also provides isolation between the sampling edges of
the ADC and the mixer core. As a result, an antialiasing low-pass
filter is sufficient when interfacing with an ADC.
The filter resides between the ADRF6821 and the ADC. The
low-pass filter eliminates all out of band signals that may alias
onto the actual band and degrade the performance of the
ADRF6821 and the ADC pair. Selection of the low-pass filter
center and bandwidth is application specific. Take into account
the trade-off between the amount of rejection required and the
insertion loss to choose the order of the filter. A higher order
filter also requires more layout space, which is another design
criterion.
For the purposes of ADC interfacing, consider a DPD receiver
chain, correcting for a 70 MHz bandwidth signal. Assuming a
fifth-order correction, 350 MHz from the output of the power
amplifier must be sampled. With the use of a zero-IF receiver,
I and Q bandwidths are half of the 350 MHz, that is, 175 MHz.
Next, determine the sampling rate of the ADC. To relax the
antialiasing filter requirements, use a slightly oversampled
system. Considering the bandwidth of interest for I and Q
(that is, 175 MHz), 500 MSPS is a sufficiently large sampling
rate. With a 500 MSPS sampling rate, the second Nyquist zone
lies between 250 MHz and 500 MHz. Because there are no
interferers present in a DPD chain, only the replica of the signal
of interest in the second Nyquist zone (between 325 MHz and
500 MHz) is of concern. As a result, the antialiasing filter provides
sufficient attenuation starting from 325 MHz.
The required attenuation from the filter is determined with the
dynamic range requirement. As previously mentioned, in a DPD
receiver chain, ideally only the signal of interest is present.
Therefore, the filter requirements can be relaxed further. Because of
this, consider a 40 dB rejection at the aliased portion.
Considering the pass band, the stop band, and the attenuation
at stop band, a seventh-order Chebyshev low-pass filter is
suitable with a 0.1 dB ripple in-band. Keep in mind that the
ADRF6821 is optimized with a 100 Ω load at the output.
Therefore, design the filter for an input and output impedance
of differential 100 Ω. The Chebyshev filter design is discussed
extensively and is straightforward with the use of a filter wizard,
such as ADS built-in filter design tool from Keysight. Filter
design tools provide component values that are not necessarily
commercially available. It is recommended that designers
use commercially available component models and take into
account the layout effects. Figure 56 displays the component
values for the antialiasing LPF. Table 17 provides commercially
available component values for the low-pass filter design.
56nH
68nH
56nH
25Ω
I/Q OUTPUTS
56nH
68nH
56nH
6.8pF
25Ω
100Ω
100Ω
15pF
15pF
8.2pF
Figure 56. Low-Pass Filter Schematic
Table 17. Component Values for the Low-Pass Filter Design
(1 dB Corner Frequency of 150 MHz)
Parameter
Value
Type
Manufacturer
Inductors
56 nH
0402 CS
Coilcraft
68 nH
0402 CS
Coilcraft
Capacitors
8.2 pF
0402 C0G
Murata
6.8 pF
0402 C0G
Murata
15 pF
0402 C0G
Murata
Figure 57 compares the measured low-pass filter response and
the normalized gain of the ADRF6821 LPF pair. Refer to the
highest gain of the ADRF6821 (without the low-pass filter) to
acheive normalization. The in band roll-off is associated to the
finite Q and trace and pad losses.
0
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
200
400
600
800
1000
100
300
500
700
900
IF FREQUENCY (MHz)
LPF RESPONSE
NORMALIZED GAIN OF ADRF6821 LPF
Figure 57. Frequency Response for the 150 MHz Low-Pass Filter and
Frequency Response for ADRF6821 LPF Pair



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com