Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6821 Datasheet(PDF) 17 Page - Analog Devices

Part # ADRF6821
Description  450 MHz to 2800 MHz, DPD RFIC with Integrated Fractional-N PLL and VCO
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6821 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADRF6821 Datasheet HTML 13Page - Analog Devices ADRF6821 Datasheet HTML 14Page - Analog Devices ADRF6821 Datasheet HTML 15Page - Analog Devices ADRF6821 Datasheet HTML 16Page - Analog Devices ADRF6821 Datasheet HTML 17Page - Analog Devices ADRF6821 Datasheet HTML 18Page - Analog Devices ADRF6821 Datasheet HTML 19Page - Analog Devices ADRF6821 Datasheet HTML 20Page - Analog Devices ADRF6821 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 61 page
background image
Data Sheet
ADRF6821
Rev. A | Page 17 of 61
PHASE-LOCKED LOOP (PLL) PERFORMANCE
All supply pins = 3.3 V, TA = 25°C, fPFD = 30.72 MHz, fREF = 122.88 MHz, 20 kHz loop filter, measured at LO output, unless otherwise noted.
0
–10
–110
–90
–80
–40
–140
–60
–160
–70
–30
–130
–50
–150
–20
–120
–170
–100
0.001
0.01
1
0.1
10
100
OFFSET FREQUENCY (MHz)
+105°C
+27°C
–40°C
Figure 31. Open-Loop VCO Phase Noise vs. Offset Frequency for Various
Temperatures
0
–10
–110
–90
–80
–40
–140
–60
–160
–70
–30
–130
–50
–150
–20
–120
–170
–100
0.001
0.01
1
0.1
10
100
OFFSET FREQUENCY (MHz)
VCO = 4GHz
VCO = 4.7GHz
VCO = 5.6GHz
VCO = 6.8GHz
Figure 32. Open-Loop VCO Phase Noise vs. Offset Frequency for Various
VCO Frequencies
–60
–110
–90
–80
–140
–160
–70
–130
–150
–120
–170
–100
0.001
0.01
1
0.1
10
100
OFFSET FREQUENCY (MHz)
Figure 33. Closed-Loop Phase Noise vs. Offset Frequency for fLO = 1765 MHz
–60
–110
–90
–80
–140
–160
–70
–130
–150
–120
–170
–100
0.001
0.01
1
0.1
10
100
OFFSET FREQUENCY (MHz)
Figure 34. Closed-Loop Phase Noise vs. Offset Frequency for fLO = 2350 MHz
–60
–110
–90
–80
–140
–160
–70
–130
–150
–120
–170
–100
0.001
0.01
1
0.1
10
100
OFFSET FREQUENCY (MHz)
Figure 35. Closed-Loop Phase Noise vs. Offset Frequency for fLO = 2720 MHz
–170
–250
–240
–200
–220
–230
–190
–210
–180
–270
–260
450
920
1860
1390
2330
2800
LO FREQUENCY (MHz)
+105°C
+27°C
–40°C
FRACTIONAL
FLICKER
Figure 36. PLL Figure of Merit (FOM) vs. LO Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com