Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6821 Datasheet(PDF) 43 Page - Analog Devices

Part # ADRF6821
Description  450 MHz to 2800 MHz, DPD RFIC with Integrated Fractional-N PLL and VCO
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6821 Datasheet(HTML) 43 Page - Analog Devices

Back Button ADRF6821 Datasheet HTML 39Page - Analog Devices ADRF6821 Datasheet HTML 40Page - Analog Devices ADRF6821 Datasheet HTML 41Page - Analog Devices ADRF6821 Datasheet HTML 42Page - Analog Devices ADRF6821 Datasheet HTML 43Page - Analog Devices ADRF6821 Datasheet HTML 44Page - Analog Devices ADRF6821 Datasheet HTML 45Page - Analog Devices ADRF6821 Datasheet HTML 46Page - Analog Devices ADRF6821 Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 61 page
background image
Data Sheet
ADRF6821
Rev. A | Page 43 of 61
Address: 0x003A, Reset: 0x20, Name: DEMOD_SPARES
Frequency Selec tiv e Gain Adjus tm ent
for the Mix er
Q Mixe r Gain Ad jus tm e nt
I Mixe r Gain Ad justm e nt
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[ 7 :6 ] RES ERV ED
[ 1 :0 ] M IX ER_GAIN _P EAK ( R/W )
[ 5 :4 ] Q _M IX ER_GAIN _AD J ( R/W )
[ 3 :2 ] I_M IX ER_GAIN _AD J ( R/W )
Table 34. Bit Descriptions for DEMOD_SPARES
Bits
Bit Name
Settings
Description
Reset
Access
[7:6]
RESERVED
Reserved.
0x0
R
[5:4]
Q_MIXER_GAIN_ADJ
Q Mixer Gain Adjustment. Allows the individual mixer gains to be adjusted in
0.2 dB steps (gains are adjusted relative to each other) to improve I/Q
balance.
0x0
R/W
[3:2]
I_MIXER_GAIN_ADJ
I Mixer Gain Adjustment. Allows the individual mixer gains to be adjusted in
0.2 dB steps (gains are adjusted relative to each other) to improve I/Q
balance.
0x0
R/W
[1:0]
MIXER_GAIN_PEAK
Frequency Selective Gain Adjustment for the Mixer. It compensates for the
frequency dependent loss in RF front end. 0 for no compensation, and
3 (decimal) for maximum compensation.
0x0
R/W
Address: 0x0040, Reset: 0x00, Name: DEMOD_DRIVER_COM_CTRL
I Channel Mix er Com m on-Mode Control
Enable (0:off 1:on)
Q Channel LO Driv er Com m on-Mode
Control Enable (0:off 1:on)
Q Channel Mix er Com m on-Mode Control
Enable (0:off 1:on)
I Channel LO Driv er Com m on-Mode Control
Enable (0:off 1:on)
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[ 7 :4 ] RES ERV ED
[ 0 ] EN _ICM O BIAS _I ( R/W )
[ 3 ] EN _ICM LO BIAS _Q ( R/W )
[ 1 ] EN _ICM O BIAS _Q ( R/W )
[ 2 ] EN _ICM LO BIAS _I ( R/W )
Table 35. Bit Descriptions for DEMOD_DRIVER_COM_CTRL
Bits
Bit Name
Settings
Description
Reset
Access
[7:4]
RESERVED
Reserved.
0x0
R
3
EN_ICMLOBIAS_Q
Q Channel LO Driver Common-Mode Control Enable (0: off and 1: on). LO path
driver LDO bias current. This must be enabled to turn on the LDO for the LO
driver block which interfaces to the mixer.
0x0
R/W
2
EN_ICMLOBIAS_I
I Channel LO Driver Common-Mode Control Enable (0: off and 1: on). LO path
driver LDO bias current. This must be enabled to turn on the LDO for the LO
driver block which interfaces to the mixer.
0x0
R/W
1
EN_ICMOBIAS_Q
Q Channel Mixer Common-Mode Control Enable (0: off and 1: on). Mixer LDO
bias current. This must be enabled to turn on the LDO for the mixer. This is
required whenever the mixer is enabled.
0x0
R/W
0
EN_ICMOBIAS_I
I Channel Mixer Common-Mode Control Enable (0: off and 1: on). Mixer LDO
bias current. This must be enabled to turn on the LDO for the mixer. This is
required whenever the mixer is enabled.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com