Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6821 Datasheet(PDF) 9 Page - Analog Devices

Part # ADRF6821
Description  450 MHz to 2800 MHz, DPD RFIC with Integrated Fractional-N PLL and VCO
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6821 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADRF6821 Datasheet HTML 5Page - Analog Devices ADRF6821 Datasheet HTML 6Page - Analog Devices ADRF6821 Datasheet HTML 7Page - Analog Devices ADRF6821 Datasheet HTML 8Page - Analog Devices ADRF6821 Datasheet HTML 9Page - Analog Devices ADRF6821 Datasheet HTML 10Page - Analog Devices ADRF6821 Datasheet HTML 11Page - Analog Devices ADRF6821 Datasheet HTML 12Page - Analog Devices ADRF6821 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 61 page
background image
Data Sheet
ADRF6821
Rev. A | Page 9 of 61
ABSOLUTE MAXIMUM RATINGS
Table 7.
Parameter
Rating
VCC_LO1, VCC_LO2, VCC_3V3_I,
VCC_3V3_Q, VCC_IFMIX_I,
VCC_IFMIX_Q, VCCVCO_3V3,
VCCDIV_3V3, VCCFBDIV_3V3,
VCCLO_MIX_3V3,
VCCLO_AUX_3V3, VCCCP_3V3,
VCCPFD_3V3, VCCREF_3V3,
VBAT_DIG_3V3
−0.3 V to +3.6 V
VCM_I, VCM_Q
−0.3 V to +3.3 V
CS, SCLK, SDIO, SDO
−0.3 V to +3.6 V
RF_SEL0, RF_SEL1, RFBT_FB
−0.3 V to +3.6 V
RFIN_FB0, RFIN_FB1
2.5 V peak, ac-coupled
RST, SLEEP
−0.3 V to +3.6 V
VTUNE, CPOUT, REF_IN, DCL_BIAS
−0.3 V to +3.6 V
RF Input Power RFIN
20 dBm
EXT_LO_IN−, EXT_LO_IN+
10 dBm, differential
Maximum Junction Temperature
125°C
Operating Temperature Range
(Measured at Paddle)
−40°C to +105°C
Storage Temperature Range
−65°C to +150°C
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Careful attention to
PCB thermal design is required.
Typical θJA and θJC are specified vs. the number of PCB layers.
The use of appropriate thermal management techniques is
recommended to ensure the maximum junction temperature
does not exceed the limits shown in Table 8.
Table 8. Thermal Resistance
Package Type
θJA
θJC
Unit
CP-56-161
JEDEC 1s0p Board2
Not applicable
3.3
°C/W
Cold Plate Only, No PCB3
Not applicable
2.8
°C/W
JEDEC 2s2p Board2
29.3
Not applicable
°C/W
1
The maximum junction temperature of 125°C cannot be exceeded.
2
Per JEDEC JESD51-12.
3
For nonstandardized testing where the paddle of the device is directly
connected to a cold plate. This approach can be useful to estimate junction
temperature when the exact paddle temperature is known in the application.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com