Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6821 Datasheet(PDF) 12 Page - Analog Devices

Part # ADRF6821
Description  450 MHz to 2800 MHz, DPD RFIC with Integrated Fractional-N PLL and VCO
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6821 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADRF6821 Datasheet HTML 8Page - Analog Devices ADRF6821 Datasheet HTML 9Page - Analog Devices ADRF6821 Datasheet HTML 10Page - Analog Devices ADRF6821 Datasheet HTML 11Page - Analog Devices ADRF6821 Datasheet HTML 12Page - Analog Devices ADRF6821 Datasheet HTML 13Page - Analog Devices ADRF6821 Datasheet HTML 14Page - Analog Devices ADRF6821 Datasheet HTML 15Page - Analog Devices ADRF6821 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 61 page
background image
ADRF6821
Data Sheet
Rev. A | Page 12 of 61
TYPICAL PERFORMANCE CHARACTERISTICS
All supply pins = 3.3 V, TA = 25°C, high-side LO injection for LO frequencies less than or equal to 1 GHz and equal to 2.8 GHz, low-side
LO injection for frequencies between 1 GHz and 2.8 GHz, internal LO, minimum attenuation setting (DSA setting of 0 dB), MIXER_GAIN_
PEAK = 0, VCM = 1.6 V, and 25 Ω matching resistors on I/Q differential outputs, unless otherwise noted. For linearity measurements, a tone
spacing of 75 MHz is used, unless otherwise noted. All losses from input and output traces and baluns are de-embedded from results.
14
12
10
8
6
4
2
0
450
920
1390
1860
2330
2800
RF FREQUENCY (MHz)
MIXER_GAIN_PEAK = 0
MIXER_GAIN_PEAK = 3
Figure 4. Gain vs. RF Frequency for Various MIXER_GAIN_PEAK
(Register 0x003A, Bits[1:0]) Settings
14
12
10
8
6
4
2
0
0
100
200
300
400
500
IF FREQUENCY (MHz)
LO = 1000MHz
LO = 2000MHz
LO = 2800MHz
Figure 5. Gain vs. IF Frequency, RF Sweep with Fixed LO, RF to IF Roll-Off
1.0
0.9
0.7
0.5
0.8
0.6
0.4
0.3
0.2
0.1
0
280
324
368
412
456
500
IF FREQUENCY (MHz)
+105°C
+27°C
–40°C
Figure 6. Gain Flatness vs. IF Frequency, Fixed LO Frequency of 2000 MHz,
280 MHz IF Frequency Window
0.40
0.35
0.25
0.30
0.20
0.15
0.10
0.05
0
75
160
245
330
415
500
IF FREQUENCY (MHz)
+105°C
+27°C
–40°C
Figure 7. Gain Flatness vs. IF Frequency, Fixed LO Frequency of 2000 MHz,
75 MHz IF Frequency Window
75
160
245
330
415
500
IF FREQUENCY (MHz)
1.0
0.9
0.7
0.5
0.8
0.6
0.4
0.3
0.2
0.1
0
1.0
0.8
0.4
0
0.6
0.2
–0.2
–0.4
–0.6
–0.8
–1.0
LO = 1000MHz
LO = 2000MHz
LO = 2800MHz
Figure 8. Gain Flatness vs. IF Frequency for Various LOs, 75 MHz (Left Axis)
and 280 MHz (Right Axis) IF Frequency Window
14
13
11
9
12
10
8
500
940
1380
1820
2260
2700
RF FREQUENCY (MHz)
+105°C
+27°C
–40°C
Figure 9. Output P1dB vs. RF Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com