Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6821 Datasheet(PDF) 1 Page - Analog Devices

Part # ADRF6821
Description  450 MHz to 2800 MHz, DPD RFIC with Integrated Fractional-N PLL and VCO
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6821 Datasheet(HTML) 1 Page - Analog Devices

  ADRF6821 Datasheet HTML 1Page - Analog Devices ADRF6821 Datasheet HTML 2Page - Analog Devices ADRF6821 Datasheet HTML 3Page - Analog Devices ADRF6821 Datasheet HTML 4Page - Analog Devices ADRF6821 Datasheet HTML 5Page - Analog Devices ADRF6821 Datasheet HTML 6Page - Analog Devices ADRF6821 Datasheet HTML 7Page - Analog Devices ADRF6821 Datasheet HTML 8Page - Analog Devices ADRF6821 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 61 page
background image
450 MHz to 2800 MHz, DPD RFIC with
Integrated Fractional-N PLL and VCO
Data Sheet
ADRF6821
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2017–2018 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
DPD receiver with integrated fractional-N PLL
RF input frequency range: 450 MHz to 2800 MHz
Internal LO input frequency range: 450 MHz to 2800 MHz
Dual RF inputs with SPDT absorptive RF switches
Integrated RF balun for single-ended 50 Ω input
Integrated VCO to cover complete RF input range
Digital programmable LO phase offset and dc nulling
Programmable via 4-wire SPI
56-lead, 8 mm × 8 mm LFCSP
APPLICATIONS
Cellular W-CDMA/GSM/LTE
DPD receivers
Microwave, point to point radios
GENERAL DESCRIPTION
The ADRF6821 is a highly integrated, dual radio frequency (RF)
input, zero intermediate frequency (IF)/low IF RFIC receiver
with a quadrature demodulator, digital step attenuator (DSA),
IF linear amplifiers, an integrated, fractional-N phase-locked loop
(PLL), and a low phase noise, multicore, voltage controlled
oscillator (VCO). The RFIC is ideally suited for communication
digital predistortion (DPD) systems.
The high isolation 2:1 RF switch and on-chip wideband RF
balun enable the ADRF6821 to support two single-ended, 50 Ω
terminated RF inputs. A programmable attenuator ensures an
optimal differential RF input level to the high linearity demodulator
core. The integrated attenuator offers an attenuation range of
15 dB with a step size of 1 dB. High linearity IF amplifiers follow
the demodulator and provide an interface to the next component
in the chain, typically an analog-to-digital converter (ADC).
The ADRF6821 offers two alternatives for generating the
differential local oscillator (LO) input signal: internally via
the on-chip fractional-N synthesizer with low phase noise
VCOs or externally via a low phase noise LO signal. The
integrated synthesizer enables continuous LO coverage from
450 MHz to 2800 MHz. The PLL reference input supports a
wide frequency range and includes integrated reference dividers
before the phase frequency detector (PFD).
When selected, the output of the internal fractional-N synthesizer
is applied to a divide by 2, quadrature phase splitter. From the
external LO path, a 2× LO signal can be used with the divide by 2,
quadrature phase splitter to generate the quadrature LO inputs
to the mixers.
The ADRF6821 is fabricated using an advanced silicon germanium
(SiGe), bipolar complementary metal oxide semiconductor
(BiCMOS) process. It is available in a 56-lead, RoHS compliant,
8 mm × 8 mm LFCSP package with an exposed pad. Performance
is specified over the −40°C to +105°C case temperature range.
FUNCTIONAL BLOCK DIAGRAM
17
18
24
25
26
27
DC DAC
÷2
SPI
/N
PFD
Σ-Δ
/R
0
90
11
10
9
4
54
53
41
32
30
31
39
38
DC DAC
RFIN_FB0
CPOUT
VTUNE
EX_LO_IN–
EX_LO_IN+
LO_OUT–
LO_OUT+
CS
SDO
SDIO
SCLK
IF_IOUT–
IF_IOUT+
IF_QOUT–
IF_QOUT+
RF_SEL0
RF_SEL1
RFIN_FB1
CP
÷
Figure 1.


Similar Part No. - ADRF6821

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF6820 AD-ADRF6820 Datasheet
1Mb / 45P
Internal LO frequency range
Rev. C
ADRF6820-EVALZ AD-ADRF6820-EVALZ Datasheet
1Mb / 45P
Internal LO frequency range
Rev. C
ADRF6820ACPZ-R7 AD-ADRF6820ACPZ-R7 Datasheet
1Mb / 45P
Internal LO frequency range
Rev. C
More results

Similar Description - ADRF6821

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF6602 AD-ADRF6602 Datasheet
517Kb / 24P
1550 MHz to 2150 MHz Rx Mixer with Integrated Fractional-N PLL and VCO
REV. 0
ADRF6603 AD-ADRF6603 Datasheet
504Kb / 24P
2100 MHz to 2600 MHz Rx Mixer with Integrated Fractional-N PLL and VCO
REV. 0
ADRF6601 AD-ADRF6601 Datasheet
640Kb / 24P
750 MHz to 1160 MHz Rx Mixer with Integrated Fractional-N PLL and VCO
REV. 0
logo
Hittite Microwave Corpo...
HMC829LP6GE HITTITE-HMC829LP6GE Datasheet
1Mb / 12P
FRACTIONAL-N PLL WITH INTEGRATED VCO 45 - 1050, 1400 - 2100, 2800 - 4200 MHz
HMC830LP6GE HITTITE-HMC830LP6GE Datasheet
2Mb / 12P
FRACTIONAL-N PLL WITH INTEGRATED VCO 25 - 3000 MHz
HMC829LP6GE_1109 HITTITE-HMC829LP6GE_1109 Datasheet
1Mb / 12P
FRACTIONAL-N PLL WITH INTEGRATED VCO 45 - 1050, 1400 - 2100, 2800 - 4200 MHz
HMC830LP6GE_1110 HITTITE-HMC830LP6GE_1110 Datasheet
1Mb / 12P
FRACTIONAL-N PLL WITH INTEGRATED VCO 25 - 3000 MHz
logo
Analog Devices
ADRF6755ACPZ AD-ADRF6755ACPZ Datasheet
2Mb / 48P
100 MHz to 2400 MHz I/Q Modulator with Integrated Fractional-N PLL and VCO
REV. B
ADRF6604 AD-ADRF6604 Datasheet
834Kb / 32P
1200 MHz to 3600 MHz Rx Mixer with Integrated Fractional-N PLL and VCO
1/14-Rev. A to Rev. B
ADRF6750 AD-ADRF6750 Datasheet
1Mb / 40P
950 MHz to 1575 MHz Quadrature Modulator with Integrated Fractional-N PLL and VCO
4/10-Rev. 0 to Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com