Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6821 Datasheet(PDF) 10 Page - Analog Devices

Part # ADRF6821
Description  450 MHz to 2800 MHz, DPD RFIC with Integrated Fractional-N PLL and VCO
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6821 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADRF6821 Datasheet HTML 6Page - Analog Devices ADRF6821 Datasheet HTML 7Page - Analog Devices ADRF6821 Datasheet HTML 8Page - Analog Devices ADRF6821 Datasheet HTML 9Page - Analog Devices ADRF6821 Datasheet HTML 10Page - Analog Devices ADRF6821 Datasheet HTML 11Page - Analog Devices ADRF6821 Datasheet HTML 12Page - Analog Devices ADRF6821 Datasheet HTML 13Page - Analog Devices ADRF6821 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 61 page
background image
ADRF6821
Data Sheet
Rev. A | Page 10 of 61
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
NOTES
1. THE EXPOSED PAD MUST BE CONNECTED TO A GROUND
PLANE WITH LOW THERMAL IMPEDANCE.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
VCM_Q
VDD_DIG
GND
RFIN_FB0
GND
VCC_LO1
RFBT_FB
VCC_LO2
RF_SEL0
RF_SEL1
RFIN_FB1
GND
SLEEP
VCM_I
34
33
32
31
30
29
42
41
40
39
38
37
36
VCCDIV_3V3
VCCVCO_3V3
EXT_LO_IN–
EXT_LO_IN+
VTUNE
DCL_BIAS
VCCCP_3V3
CPOUT
GND
LO_OUT–
LO_OUT+
VCCLO_AUX_3V3
VCCLO_MIX_3V3
35
VCCFBDIV_3V3
ADRF6821
TOP VIEW
(Not to Scale)
Figure 3. Pin Configuration
Table 9. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VCM_Q
Q Channel VCM Input.
2
VDD_DIG
Digital VDD (1.8 V) Pin from On-Chip LDO.
3, 5, 12, 16,
19, 52, 55
GND
Ground.
4
RFIN_FB0
RF Input 0 Single-Pole, Double-Throw (SPDT), 50 Ω Single-Ended.
6
VCC_LO1
LO Path VCC.
7
RFBT_FB
RF Input Low Frequency Balun Connection. This pin requires a dc block to an external inductor.
8
VCC_LO2
LO Path VCC.
9
RF_SEL0
RF Input 0 Select.
10
RF_SEL1
RF Input 1 Select.
11
RFIN_FB1
RF Input 1 SPDT, 50 Ω Single-Ended.
13
SLEEP
Pin Controllable Fast Turn On/Off (1.8 V and 3.3 V Compatible).
14
VCM_I
I Channel VCM Input.
15
VCC_3V3_I
I Channel 3.3 V Supply.
17
IF_IOUT+
I Channel IF Positive Output.
18
IF_IOUT−
I Channel IF Negative Output.
20
VCC_IFMIX_I
I Channel IF Amplifier VCC Supply.
21
VDCPL_I
I Channel Mixer Decoupling.
22
VCC_IFMIX_I
I Channel Mixer VCC Supply.
23
LO_LCKDT
LO Lock Detect.
24
SCLK
SPI Clock.
25
SDIO
SPI Data Input/Output in 3-Wire Mode. SPI data input in 4-wire mode.
26
SDO
SPI Data Output. SDO used in 4-wire mode only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com