Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6821 Datasheet(PDF) 27 Page - Analog Devices

Part # ADRF6821
Description  450 MHz to 2800 MHz, DPD RFIC with Integrated Fractional-N PLL and VCO
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6821 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADRF6821 Datasheet HTML 23Page - Analog Devices ADRF6821 Datasheet HTML 24Page - Analog Devices ADRF6821 Datasheet HTML 25Page - Analog Devices ADRF6821 Datasheet HTML 26Page - Analog Devices ADRF6821 Datasheet HTML 27Page - Analog Devices ADRF6821 Datasheet HTML 28Page - Analog Devices ADRF6821 Datasheet HTML 29Page - Analog Devices ADRF6821 Datasheet HTML 30Page - Analog Devices ADRF6821 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 61 page
background image
Data Sheet
ADRF6821
Rev. A | Page 27 of 61
Pin No.
Mnemonic
Description
Basic Connection
the resistor.
46
SPILDO_OUT_1V8
SPI 1.8 V LDO external
decouple output
Decouple these pins to ground using 100 pF and
0.1 µF capacitors. Place the decoupling capacitors
close to the pins.
47
SDMLDO_OUT_1V8
SDM 1.8 V LDO external
decouple output
Auxiliary LO Output
38, 39
LO_OUT+, LO_OUT−
LO outputs
The differential output impedance of the buffer of
the LO outputs is 50 Ω.
External LO Inputs
31, 32
EXT_LO_IN+,
EXT_LO_IN−
External LO inputs
The differential input impedance of the buffer of
the external LO inputs is 100 Ω.
Serial Peripheral Interface
24
SCLK
SPI clock
1.8 V and 3.3 V compatible logic levels.
25
SDIO
SPI data input/output in 3-wire
mode and SPI data input in
for 4-wire mode
1.8 V and 3.3 V compatible logic levels.
26
SDO
SPI data output for 4-wire
mode and this pin is not used
for 3-wire mode
1.8 V and 3.3 V compatible logic levels.
27
CS
SPI chip select
Active low; 1.8 V and 3.3 V compatible logic levels
Reset
28
RST
Reset
Active low; 1.8 V and 3.3 V compatible logic levels
Ground
3, 5, 12, 16, 19, 52, 55
GND
Ground
Connect these pins to the ground of the PCB.
40
GND
Charge pump ground
Do not connect this pin to the paddle ground,
connect this pin to the PCB ground.
Exposed Pad
EPAD
Exposed Pad
The exposed pad is on the bottom of the package.
The exposed pad must be soldered to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com