Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6821 Datasheet(PDF) 46 Page - Analog Devices

Part # ADRF6821
Description  450 MHz to 2800 MHz, DPD RFIC with Integrated Fractional-N PLL and VCO
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6821 Datasheet(HTML) 46 Page - Analog Devices

Back Button ADRF6821 Datasheet HTML 42Page - Analog Devices ADRF6821 Datasheet HTML 43Page - Analog Devices ADRF6821 Datasheet HTML 44Page - Analog Devices ADRF6821 Datasheet HTML 45Page - Analog Devices ADRF6821 Datasheet HTML 46Page - Analog Devices ADRF6821 Datasheet HTML 47Page - Analog Devices ADRF6821 Datasheet HTML 48Page - Analog Devices ADRF6821 Datasheet HTML 49Page - Analog Devices ADRF6821 Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 61 page
background image
ADRF6821
Data Sheet
Rev. A | Page 46 of 61
Address: 0x0090, Reset: 0x00, Name: EN_LO_DIVIDER_CTRL
LO Path Bias Curre nt Enab le (0 :o ff 1:o n)
Bo th Paths
Q Channel LO PreDriv er Enable (0:off
1:o n)
LO Div ider Path Buffer Enable (0:off
1:o n)
I Channel LO PreDriv er Enable (0:off
1:o n)
LO Div ider Path I/Q Div ider Enable (0:off
1:o n)
Q Channe l LO Driv e r Enab le (0 :o ff 1:o n)
I Channe l LO Driv e r Enab le (0 :o ff 1:o n)
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[ 7 ] RES ERV ED
[ 0 ] EN _IBIAS GEN ( R/W )
[ 6 ] EN _LO D RV _P RED RV Q ( R/W )
[ 1 ] EN _D IV P AT H _BUF ( R/W )
[ 5 ] EN _LO D RV _P RED RV I ( R/W )
[ 2 ] EN_DIV P AT H_Q UADDIV ( R/W )
[ 4 ] EN _LO D RV _D RV Q ( R/W )
[ 3 ] EN _LO D RV _D RV I ( R/W )
Table 44. Bit Descriptions for EN_LO_DIVIDER_CTRL
Bits
Bit Name
Settings
Description
Reset
Access
7
RESERVED
Reserved.
0x0
R
6
EN_LODRV_PREDRVQ
Q Channel LO Predriver Enable (0: off and 1: on). LO path mixer predriver
enable. This must be enabled whenever LO path is enabled.
0x0
R/W
5
EN_LODRV_PREDRVI
I Channel LO Predriver Enable (0: off and 1: on). LO path mixer predriver
enable. This must be enabled whenever LO path is enabled.
0x0
R/W
4
EN_LODRV_DRVQ
Q Channel LO Driver Enable (0: off and 1: on). LO path mixer driver enable.
This must be enabled whenever LO path is enabled.
0x0
R/W
3
EN_LODRV_DRVI
I Channel LO Driver Enable (0: off and 1: on). LO path mixer driver enable.
This must be enabled whenever LO path is enabled.
0x0
R/W
2
EN_DIVPATH_QUADDIV
LO Divider Path I/Q Divider Enable (0: off and 1: on). Blocks required to be
enabled in this path are: EN_DIVPATH_BUF, EN_LODRVR_DRVx,
EN_LODRVR_PREDRVRx, EN_IBIASGEN, EN_ICMLOBIAS_x,
CODE_MIXER_DRVR.
0x0
R/W
1
EN_DIVPATH_BUF
LO Divider Path Buffer Enable (0: off and 1: on). Blocks required to be
enabled in this path are: EN_DIVPATH_QUADDIV, EN_LODRVR_DRVx,
EN_LODRVR_PREDRVRx, EN_IBIASGEN, EN_ICMLOBIAS_x,
CODE_MIXER_DRVR.
0x0
R/W
0
EN_IBIASGEN
LO Path Bias Current Enable (0: off and 1) Both Paths.
0x0
R/W
Address: 0x0092, Reset: 0x00, Name: LO_PHASE_ADJ
Q Channe l LO Phas e Ad jus tm e nt
I Channe l LO Phas e Ad jus tm e nt
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[ 7 : 4 ] T RM _LO D RV _CAP Q ( R/W )
[ 3 : 0 ] T RM _LO D RV _CAP I ( R/W )
Table 45. Bit Descriptions for LO_PHASE_ADJ
Bits
Bit Name
Settings
Description
Reset
Access
[7:4]
TRM_LODRV_CAPQ
Q Channel LO Phase Adjustment. LO Quadrature Phase Adjust. Valid range is
from 0x0 to 0xF. For no compensation or adjustment, both TRM_LODRV_CAPI
and TRM_LODRV_CAPQ must be set to the same value.
0x0
R/W
[3:0]
TRM_LODRV_CAPI
I Channel LO Phase Adjustment. LO Quadrature Phase Adjust. Valid range is
from 0x0 to 0xF. For no compensation or adjustment, both TRM_LODRV_CAPI
and TRM_LODRV_CAPQ must be set to the same value.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com