Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6821 Datasheet(PDF) 55 Page - Analog Devices

Part # ADRF6821
Description  450 MHz to 2800 MHz, DPD RFIC with Integrated Fractional-N PLL and VCO
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6821 Datasheet(HTML) 55 Page - Analog Devices

Back Button ADRF6821 Datasheet HTML 51Page - Analog Devices ADRF6821 Datasheet HTML 52Page - Analog Devices ADRF6821 Datasheet HTML 53Page - Analog Devices ADRF6821 Datasheet HTML 54Page - Analog Devices ADRF6821 Datasheet HTML 55Page - Analog Devices ADRF6821 Datasheet HTML 56Page - Analog Devices ADRF6821 Datasheet HTML 57Page - Analog Devices ADRF6821 Datasheet HTML 58Page - Analog Devices ADRF6821 Datasheet HTML 59Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 61 page
background image
Data Sheet
ADRF6821
Rev. A | Page 55 of 61
Address: 0x1234, Reset: 0x00, Name: FRAC2_H
FRAC2 Wor d for Ex ac t Fr equenc y Mode
- Optionally Double Buffer ed
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[ 7 : 6 ] RES ERV ED
[ 5 : 0 ] FRAC2 [ 1 3 : 8 ] ( R/W )
Table 74. Bit Descriptions for FRAC2_H
Bits
Bit Name
Settings
Description
Reset
Access
[7:6]
RESERVED
Reserved
0x0
R
[5:0]
FRAC2, Bits[13:8]
FRAC2 Word for Exact Frequency Mode—Optionally Double Buffered
0x0
R/W
Address: 0x1235, Reset: 0x00, Name: MULTI_FUNC_SYNTH_CTRL_0235
DSM Phas e Adjus t Enable
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:2] RESERVED
[0] RESERVED
[1] PHASE_ADJ_EN (R/W)
Table 75. Bit Descriptions for MULTI_FUNC_SYNTH_CTRL_0235
Bits
Bit Name
Settings
Description
Reset
Access
[7:2]
RESERVED
Reserved.
0x0
R
1
PHASE_ADJ_EN
DSM Phase Adjust Enable. If 1, a phase-adjust trigger causes a phase shift in the
Δ-Σ by the amount programmed in the phase word. The phase trigger is either
caused by a write to the LSB of the phase word or through a general-purpose
input (GPI) trigger. See GPI1_FUNC_SEL for more information.
0x0
R/W
0
RESERVED
Reserved.
0x0
R
Address: 0x1240, Reset: 0x00, Name: VCO_LUT_CTRL
Forc e the SPI to Cap-Selec t at the Output
of the Look Up Table (LUT)
Manual VCO Cap ac ito r Se le c t
Forc e the VCO Selec t and the Output
of the Look Up Table (LUT) from SI_VCO_SEL
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[ 7 :5 ] RES ERV ED
[ 0 ] S I_V CO _FO RCE_CAP S ( R/W )
[ 4 ] S I_V CO _FO RCE_CAP S V CO I ( R/W )
[ 1 ] S I_V CO _FO RCE_V CO ( R/W )
[ 3 :2 ] RES ERV ED
Table 76. Bit Descriptions for VCO_LUT_CTRL
Bits
Bit Name
Settings
Description
Reset
Access
[7:5]
RESERVED
Reserved
0x0
R
4
SI_VCO_FORCE_CAPSVCOI
Manual VCO Capacitor Select
0x0
R/W
[3:2]
RESERVED
Reserved
0x0
R/W
1
SI_VCO_FORCE_VCO
Force the VCO Select and the Output of the Look Up Table (LUT) from
SI_VCO_SEL
0x0
R/W
0
SI_VCO_FORCE_CAPS
Force the SPI to Capacitor Select at the Output of the Look Up Table (LUT)
0x0
R/W
Address: 0x124D, Reset: 0x00, Name: LOCK_DETECT
State of the Lock Detect Signal
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:1] RESERVED
[0] LOCK_DETECT (R)
Table 77. Bit Descriptions for LOCK_DETECT
Bits
Bit Name
Settings
Description
Reset
Access
[7:1]
RESERVED
Reserved
0x0
R
0
LOCK_DETECT
State of the Lock Detect Signal
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com